Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR2 Datasheet(PDF) 26 Page - Texas Instruments

Part # CC1000-RTR2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR2 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC1000-RTR2 Datasheet HTML 22Page - Texas Instruments CC1000-RTR2 Datasheet HTML 23Page - Texas Instruments CC1000-RTR2 Datasheet HTML 24Page - Texas Instruments CC1000-RTR2 Datasheet HTML 25Page - Texas Instruments CC1000-RTR2 Datasheet HTML 26Page - Texas Instruments CC1000-RTR2 Datasheet HTML 27Page - Texas Instruments CC1000-RTR2 Datasheet HTML 28Page - Texas Instruments CC1000-RTR2 Datasheet HTML 29Page - Texas Instruments CC1000-RTR2 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
CC1000
SWRS048A
Page 26 of 55
Write CAL:
CAL_START=0
End of calibration
Wait for maximum 34 ms, or
Read CAL and wait until
CAL_COMPLETE=1
Start single calibration
RX frequency register A is calibrated first
Write MAIN:
RXTX = 0; F_REG = 0
RX_PD = 0; TX_PD = 1; FS_PD = 0
CORE_PD = 0; BIAS_PD = 0; RESET_N=1
Write FREQ_A, FREQ_B
If DR>=9.6kBd then write TEST4: L2KIO=3Fh
Write CAL: CAL_DUAL = 0
Frequency register A is used for
RX mode, register B for TX
Write CAL:
CAL_START=1
Calibration is performed in RX mode,
Result is stored in TEST0 and TEST2,
RX register
Write CURRENT = RX current
Write PLL = RX pll
Update CURRENT and PLL for RX mode
Write CAL:
CAL_START=0
Wait for 34 ms, or
Read CAL and wait until
CAL_COMPLETE=1
TX frequency register B is calibrated second
Write MAIN:
RXTX = 1; F_REG = 1
RX_PD = 1; TX_PD = 0; FS_PD = 0
CORE_PD = 0; BIAS_PD = 0; RESET_N=1
Write CAL:
CAL_START=1
Calibration is performed in TX mode,
Result is stored in TEST0 and TEST2,
TX registers
Write CURRENT = TX current
Write PLL = TX pll
Write PA_POW = 00h
Update CURRENT and PLL for TX mode
PA is turned off to prevent spurious emission
Calibration time depend on the reference
frequency, see text.
Write CAL:
CAL_START=0
End of calibration
Wait for maximum 34 ms, or
Read CAL and wait until
CAL_COMPLETE=1
Start single calibration
RX frequency register A is calibrated first
Write MAIN:
RXTX = 0; F_REG = 0
RX_PD = 0; TX_PD = 1; FS_PD = 0
CORE_PD = 0; BIAS_PD = 0; RESET_N=1
Write FREQ_A, FREQ_B
If DR>=9.6kBd then write TEST4: L2KIO=3Fh
Write CAL: CAL_DUAL = 0
Frequency register A is used for
RX mode, register B for TX
Write CAL:
CAL_START=1
Calibration is performed in RX mode,
Result is stored in TEST0 and TEST2,
RX register
Write CURRENT = RX current
Write PLL = RX pll
Update CURRENT and PLL for RX mode
Write CAL:
CAL_START=0
Wait for 34 ms, or
Read CAL and wait until
CAL_COMPLETE=1
TX frequency register B is calibrated second
Write MAIN:
RXTX = 1; F_REG = 1
RX_PD = 1; TX_PD = 0; FS_PD = 0
CORE_PD = 0; BIAS_PD = 0; RESET_N=1
Write CAL:
CAL_START=1
Calibration is performed in TX mode,
Result is stored in TEST0 and TEST2,
TX registers
Write CURRENT = TX current
Write PLL = TX pll
Write PA_POW = 00h
Update CURRENT and PLL for TX mode
PA is turned off to prevent spurious emission
Calibration time depend on the reference
frequency, see text.
Figure 16. Single calibration algorithm for RX and TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com