Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR2 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC1000-RTR2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1000-RTR2 Datasheet HTML 6Page - Texas Instruments CC1000-RTR2 Datasheet HTML 7Page - Texas Instruments CC1000-RTR2 Datasheet HTML 8Page - Texas Instruments CC1000-RTR2 Datasheet HTML 9Page - Texas Instruments CC1000-RTR2 Datasheet HTML 10Page - Texas Instruments CC1000-RTR2 Datasheet HTML 11Page - Texas Instruments CC1000-RTR2 Datasheet HTML 12Page - Texas Instruments CC1000-RTR2 Datasheet HTML 13Page - Texas Instruments CC1000-RTR2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
CC1000
SWRS048A
Page 10 of 55
6. Application Circuit
Very
few
external
components
are
required for the operation of
CC1000. A
typical application circuit is shown in
Figure 2. Component values are shown in
Table 1.
6.1 Input / output matching
C31/L32
is
the
input
match
for
the
receiver. L32 is also a DC choke for
biasing. C41, L41 and C42 are used to
match the transmitter to 50
Ω. An internal
T/R switch circuit makes it possible to
connect the input and output together and
match the
CC1000 to 50 Ω in both RX and
TX mode. See “Input/output matching”
p.31 for details.
6.2 VCO inductor
The VCO is completely integrated except
for the inductor L101.
Component
values
for
the
matching
network and VCO inductor are easily
calculated using the SmartRF
® Studio
software.
6.3 Additional filtering
Additional external components (e.g. RF
LC or SAW-filter) may be used in order to
improve
the
performance
in
specific
applications. See also “Optional LC filter”
p.36 for further information.
6.4 Power supply decoupling
Power supply decoupling and filtering
must
be
used
(not
shown
in
the
application circuit). The placement and
size of the decoupling capacitors and the
power supply filtering are very important to
achieve
the
optimum
performance.
Chipcon
provides
reference
designs
(CC1000PP and CC1000uCSP_EM) that
should be followed very closely.
Figure 2. Typical
CC1000 application circuit (power supply decoupling not shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com