Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XP Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring Low/High side driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 15Page - STMicroelectronics L9733XP Datasheet HTML 16Page - STMicroelectronics L9733XP Datasheet HTML 17Page - STMicroelectronics L9733XP Datasheet HTML 18Page - STMicroelectronics L9733XP Datasheet HTML 19Page - STMicroelectronics L9733XP Datasheet HTML 20Page - STMicroelectronics L9733XP Datasheet HTML 21Page - STMicroelectronics L9733XP Datasheet HTML 22Page - STMicroelectronics L9733XP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
L9733
Functional description
19/33
4.6
Discrete inputs
4.6.1
Output 6-8 Enable Input (In6, ln7, ln8)
This input allows Output 6 (or Output 7, or Output 8) to be enabled via this external pin
without the use of the SPI. The SPI command and the In6-7 input are logically or'd together.
A logic "1" on this input (In6, ln7 or ln8) will enable this output no matter what the status of
the SPI command register. A logic "0" on this input will disable this output if the SPI
command register is not commanding this output on. This pins (In6, ln7 or ln8) can be left
"open" if the internal output device is being controlled only via the SPI. This input has a
nominal 100k
Ω resistor connected from this pin to ground, which will pull this pin to ground if
an open circuit condition occur. This input is ideally suited for non-inductive loads that are
pulse width modulated (PWM'd). This allows PWM control without the use of the SPI inputs.
4.6.2
Reset Input (RES)
When this input goes low it resets all the internal registers and switches off all the output
stages. This input has a nominal 100 k
Ω resistor connected from this pin to VDD, which will
pull this pin to VDD if an open circuit condition occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com