Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XP Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring Low/High side driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 20Page - STMicroelectronics L9733XP Datasheet HTML 21Page - STMicroelectronics L9733XP Datasheet HTML 22Page - STMicroelectronics L9733XP Datasheet HTML 23Page - STMicroelectronics L9733XP Datasheet HTML 24Page - STMicroelectronics L9733XP Datasheet HTML 25Page - STMicroelectronics L9733XP Datasheet HTML 26Page - STMicroelectronics L9733XP Datasheet HTML 27Page - STMicroelectronics L9733XP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Fault Operation
L9733
24/33
7
Fault Operation
The fault diagnostic capability consists of one internal 16 bits shift register and 2 bits are
used for each output. The diagnostic information are: no fault present, overcurrent, open
load and short circuit.
All of the faults will be cleared on the rising edge of Chip Select if a valid DI byte was
received
If all the bits b0-b15 of the fault register have value '1' it means that a thermal fault, at least
on one of the eight independent Outputs, occurred.
7.1
Low Side Configured Output Fault Operation
The diagnostic circuitry verifies for the low side configured output the following condition:
Normal operation, open load, short circuit to GND and overcurrent (only if the switching OFF
protection, selectable for each channel via SPI bus, is active).
The diagnostic circuitry operates in two different modes, selected for each channel by SPI:
no latch mode and latch mode. The fault priority is overcurrent and then open load or short
circuit to GND, this means that if an overcurrent occurs the fault register is always
overwritten and following open load or short to GND faults that happen before that the
register is cleared will be ignored.
7.1.1
No latch mode
This diagnostic operating mode doesn't latch open load and short to GND faults.
1.
Open load
The diagnostic of open load is detected only in OFF condition sensing the Drn1-8
output voltage. This fault is detected on the falling edge of the CS input if the power
drain voltage is inside the voltage range limited by the two thresholds Vth_Vbat and
Table 10.
Fault Register Definition
OUT 8
OUT 7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
MSB
LSB
D1
D0
D1
D0
D1
D0
D1
D0
D1
D0
D1
D0
D1
D0
D1
D0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Table 11.
Fault Logic Definition
D1
D0
FAULT STATUS
0
0
No fault is present
0
1
Open load
1
0
Short circuit to GND (low side) or Short circuit to Vbat(high side)
1
1
Overcurrent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com