Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XP Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring Low/High side driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 16Page - STMicroelectronics L9733XP Datasheet HTML 17Page - STMicroelectronics L9733XP Datasheet HTML 18Page - STMicroelectronics L9733XP Datasheet HTML 19Page - STMicroelectronics L9733XP Datasheet HTML 20Page - STMicroelectronics L9733XP Datasheet HTML 21Page - STMicroelectronics L9733XP Datasheet HTML 22Page - STMicroelectronics L9733XP Datasheet HTML 23Page - STMicroelectronics L9733XP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Serial Peripheral Interface (SPI)
L9733
20/33
5
Serial Peripheral Interface (SPI)
The L9733 has a serial peripheral interface consisting of Serial Clock (SCLK), Data Out
(DO), Data In (DI), and Chip Select (CS). All outputs will be controlled via the SPI. The input
pins CS, SCLK, and DI, thanks to VDO pin, have level input voltages allowing proper
operation from microcontrollers that are using 5.0 or 3.3 volts for their Vdd supply. The
design of the L9733 allows a "daisy-chaining" of multiple L9733's to further reduce the need
for controller pins.
5.1
Serial Data Output (DO)
This output pin is in a tri-state condition when CS is a logic '1'. When CS is a logic '0', this
pin transmits 16 bits of data from the fault register to the digital controller. After the first 16
bits of DO fault data are transmitted (after a CS transition from a logic '1' to a logic '0'), then
the DO output sequentially transmits the digital data that was just received (16 SCLK cycles
earlier) on the DI pin. The DO output continues to transmit the 16 SCLK delayed bit data
from the DI input until CS eventually transitions from a logic '0' to a logic '1'. DO data
changes state 10 nsec or later, after the falling edge of SCLK. The LSB is the first bit of the
byte transmitted on DO and the MSB is the last bit of the byte transmitted on DO, once CS
transitions from a logic '1' to a logic '0'.
5.2
Serial Data Input (DI)
This input takes data from the digital controller while CS is low. The L9733 accepts an 16 bit
byte to command the outputs on or off. The L9733 also serially wraps around the DI input
bits to the DO output after the DO output transmits its 16 fault flag bits. The LSB is the first
bit of each byte received on DI and the MSB is the last bit of each byte received on DI, once
CS transitions from a logic '1' to a logic '0'. The last 4 bits (b15-b12) of the first 16 bit byte
are used as key-word. The 4 bits (b11-b8) of the first 16 bits byte are used to select writing
mode between OUT8-1 status and diagnosis operating mode . The DI input has a nominal
100 k
Ω resistor connected from this pin to the VDO pin, which pulls this pin to VDO if an
open circuit condition occurs.
5.3
Chip Select (CS)
This is the chip select input pin. On the falling edge of CS, the DO pin is released from tri-
state mode. While CS is low, register data are shifted in and shifted out the DI pin and DO
pin, respectively, on each subsequent SCLK. On the rising edge of CS, the DO pin is tri-
stated and the fault register is "Cleared" if a valid DI byte has been received. A valid DI byte
is defined as such:
–
1 A multiple of 16 bits was received.
–
2 A valid key-word was received
The fault data is not cleared unless all of the 2 previous conditions have been met. The CS
input has a nominal 100k
Ω resistor connected from this pin to the VDO pin, which pulls this
pin to VDO if an open circuit condition occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com