Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XP Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring Low/High side driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 17Page - STMicroelectronics L9733XP Datasheet HTML 18Page - STMicroelectronics L9733XP Datasheet HTML 19Page - STMicroelectronics L9733XP Datasheet HTML 20Page - STMicroelectronics L9733XP Datasheet HTML 21Page - STMicroelectronics L9733XP Datasheet HTML 22Page - STMicroelectronics L9733XP Datasheet HTML 23Page - STMicroelectronics L9733XP Datasheet HTML 24Page - STMicroelectronics L9733XP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
L9733
Serial Peripheral Interface (SPI)
21/33
5.4
Serial Clock (SCLK)
This is the clock signal input for synchronization of serial data transfer. DI data is shifted into
the DI input on the rising edge of SCLK and DO data changes on the falling edge of SCLK.
The SCLK input has a nominal 100k
Ω resistor connected from this pin to the VDO pin,
which pulls this pin to VDO if an open circuit condition occurs.
5.5
Initial Input Command Register & Fault Register SPI Cycle
After initial application of Vdd to the L9733, the input command register and the fault register
are "Cleared" by the POR circuitry and that means that the default condition for the output
status is Off , the default diagnostic mode is No Latch and the switching OFF overcurrent
protection is enable. During the initial SPI cycle, and all subsequent cycles, valid fault data
will be clocked out of DO (fault bits).
5.6
Input Command Register
An input byte (16 bits) is routed to the Command Register. The content of this Command
Register is given in table 9. Additional DI data will continue to be wrapped around to the DO
pin. If CS should happen to go high before complete reception of the current byte, this just
transmitted byte shall be ignored (invalid).
Table 8.
Bit Command Register Definition
Key Word
Writing Mode: Output
Output Status
MSB
LSB
1
0
1
0
1
1
0
0
OUT 8 OUT 7 OUT 6 OUT 5 OUT 4 OUT 3 OUT 2 OUT 1
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Key Word
Writing Mode: Diag
Driver Diag Mode
MSB
LSB
1
0
1
0
0
0
1
1
Diag 8 Diag 7 Diag 6 Diag 5 Diag 4 Diag 3 Diag 2 Diag 1
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Key Word
Writing Mode: Protect
Driver Overcurrent Protection
MSB
LSB
1
0
1
0
1
0
1
0
Ilim 8 Ilim 7 Ilim 6 Ilim 5
Ilim 4
Ilim 3
Ilim 2
Ilim 1
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com