Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9184A Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9184A
Description  12 X 8-bit D to A Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9184A Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9184A Datasheet HTML 1Page - Micro Analog systems MAS9184A Datasheet HTML 2Page - Micro Analog systems MAS9184A Datasheet HTML 3Page - Micro Analog systems MAS9184A Datasheet HTML 4Page - Micro Analog systems MAS9184A Datasheet HTML 5Page - Micro Analog systems MAS9184A Datasheet HTML 6Page - Micro Analog systems MAS9184A Datasheet HTML 7Page - Micro Analog systems MAS9184A Datasheet HTML 8Page - Micro Analog systems MAS9184A Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
DA9184A.001
September 7, 1998
PIN CONFIGURATION
PIN DESCRIPTION
Pin name
SO
Function
VSS
1
D/A converter low level reference voltage input terminal
DAC2
2
8-bit D/A converter output terminal
DAC3
3
8-bit D/A converter output terminal
DAC4
4
8-bit D/A converter output terminal
DAC5
5
8-bit D/A converter output terminal
DAC6
6
8-bit D/A converter output terminal
DAC7
7
8-bit D/A converter output terminal
DAC8
8
8-bit D/A converter output terminal
DAC9
9
8-bit D/A converter output terminal
VDD
10
D-A converter high level reference voltage input terminal
VCC
11
Power supply terminal
DAC10
12
8-bit D/A converter output terminal
DAC11
13
8-bit D/A converter output terminal
DO
14
Serial data output terminal
LD
15
Latch data terminal
CLK
16
Serial clock input terminal
DI
17
Serial data input terminal
DAC0
18
8-bit D/A converter output terminal
DAC1
19
8-bit D/A converter output terminal
GND
20
Digital and analog ground
SO20
DAC1
DAC10
DO
V
ss
DAC2
DAC3
DAC4
1
2
3
4
5
6
7
8
13
14
15
16
17
18
GND
CLK
LD
19
20
DAC0
DI
DAC6
DAC5
DAC7
DAC8
DAC9 9
V
DD
10
12
11
DAC11
V
cc



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com