Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9184A Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9184A
Description  12 X 8-bit D to A Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9184A Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9184A Datasheet HTML 1Page - Micro Analog systems MAS9184A Datasheet HTML 2Page - Micro Analog systems MAS9184A Datasheet HTML 3Page - Micro Analog systems MAS9184A Datasheet HTML 4Page - Micro Analog systems MAS9184A Datasheet HTML 5Page - Micro Analog systems MAS9184A Datasheet HTML 6Page - Micro Analog systems MAS9184A Datasheet HTML 7Page - Micro Analog systems MAS9184A Datasheet HTML 8Page - Micro Analog systems MAS9184A Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
DA9184A.001
September 7, 1998
MAS9184A
12 X 8-bit D to A Converter
• 12-bit serial data input
• Highly stable output buffer
• Serial data output for Daisy-Chaining
DESCRIPTION
The MAS9184 is a CMOS structured integrated
circuit with 12 built-in D to A converter channels and
12 corresponding output buffer operational
amplifiers. A simple 3-wire serial interface transfers
digital data from the micro controller. The output
buffers operate in the entire voltage range from
ground to the positive power supply rail.
FEATURES
APPLICATION
•
Twelve 8-bit DACs on a single monolithic chip
•
Voltage level output
•
SO 20 package
•
Single +5V supply
•
Power-on reset
•
High resolution monitors
•
Automatic gain control
•
Trimmer replacement
BLOCK DIAGRAM
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
DAC7
8-BIT DAC
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
DAC0
VDD GND
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
DAC11
DAC10
DAC9
DAC8
D0
CLK
DI
LD
VCC VSS
12-bit
Shift
Register
Address
Decoder
8-bit data


Similar Part No. - MAS9184A

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9180 MAS-MAS9180 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1TC00 MAS-MAS9180A1TC00 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1UA06 MAS-MAS9180A1UA06 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1UC06 MAS-MAS9180A1UC06 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A5TC00 MAS-MAS9180A5TC00 Datasheet
278Kb / 15P
AM Receiver IC
More results

Similar Description - MAS9184A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD570 AD-AD570 Datasheet
312Kb / 8P
Complete 8-Bit A-to-D Converter
logo
Integrated Circuit Syst...
ADC87 ICST-ADC87 Datasheet
1Mb / 6P
12-bit, 8 Usec Military A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
12-Bit A/D Converter
logo
Micro Analog systems
MAS9187 MAS-MAS9187 Datasheet
141Kb / 7P
12 X 8-bit D to A Converter
MAS9188 MAS-MAS9188 Datasheet
195Kb / 10P
12 횞 8-Bit D to A Converter
logo
Texas Instruments
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
12-Bit A/D Converter
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
12-Bit A/D Converter
23-Feb-2017
AD570 AD-AD570_17 Datasheet
850Kb / 9P
Complete 8-Bit A-to-D Converter
4/12-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com