Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9184A Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9184A
Description  12 X 8-bit D to A Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9184A Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9184A Datasheet HTML 1Page - Micro Analog systems MAS9184A Datasheet HTML 2Page - Micro Analog systems MAS9184A Datasheet HTML 3Page - Micro Analog systems MAS9184A Datasheet HTML 4Page - Micro Analog systems MAS9184A Datasheet HTML 5Page - Micro Analog systems MAS9184A Datasheet HTML 6Page - Micro Analog systems MAS9184A Datasheet HTML 7Page - Micro Analog systems MAS9184A Datasheet HTML 8Page - Micro Analog systems MAS9184A Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
DA9184A.001
September 7, 1998
ELECTRICAL CHARACTERISTICS
◆ AC Characteristics
(VCC =VDD = 5V±10%, GND = VSS = 0V, Ta = -20
oC to +85 oC, unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Clock ‘L’ pulse width
tCKL
100
ns
Clock ‘H’ pulse width
tCKH
100
ns
Rise time
tCR
200
ns
Fall time
tCF
200
ns
Data setup time
tDCH
30
ns
data hold time
tCHD
70
ns
LD setup time
tCHL
200
ns
LD hold time
tLDC
100
ns
LD ‘H’ pulse width
tLDH
100
ns
Data output delay time
tDO
70
350
ns
D/A output settling time
tLDD
300
ns
Power-on reset level
VCC
2.4
3.0
3.3
V
◆ Timing diagram
CLK
DI
LD
DAC
OUT
DO
t
CR
t
CF
t
CKH
t
CKL
t
CHD
t
DCH
t
DO
t
CHL
t
LDH
t
LDC
t
LDO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com