Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9184A Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9184A
Description  12 X 8-bit D to A Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9184A Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9184A Datasheet HTML 1Page - Micro Analog systems MAS9184A Datasheet HTML 2Page - Micro Analog systems MAS9184A Datasheet HTML 3Page - Micro Analog systems MAS9184A Datasheet HTML 4Page - Micro Analog systems MAS9184A Datasheet HTML 5Page - Micro Analog systems MAS9184A Datasheet HTML 6Page - Micro Analog systems MAS9184A Datasheet HTML 7Page - Micro Analog systems MAS9184A Datasheet HTML 8Page - Micro Analog systems MAS9184A Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
DA9184A.001
September 7, 1998
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VCC
-0.3
7.0
V
High level reference voltage
VDD
-0.3
7.0
V
Digital input voltage
Vin
-0.3
VCC+0.3
V
Output voltage
Vout
-0.3
VCC+0.3
V
Power dissipation
PD
150
mW
Operating temperature
Tamb
-20
+85
oC
Storage temperature
TS
-55
+125
oC
RECOMMENDED OPERATION CONDITIONS
(VCC =VDD = 5V±10%, GND = VSS = 0V, Ta = -20
oC to +85 oC, unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply current
ICC
CLK = 1MHz
2.5
mA
Input leakage current
IILK
Vin = 0V to VCC
-10
10
uA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com