Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD78323LP
Description  MOS INTEGRATED CIRCUIT
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78323LP Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD78323LP Datasheet HTML 1Page - Renesas Technology Corp UPD78323LP Datasheet HTML 2Page - Renesas Technology Corp UPD78323LP Datasheet HTML 3Page - Renesas Technology Corp UPD78323LP Datasheet HTML 4Page - Renesas Technology Corp UPD78323LP Datasheet HTML 5Page - Renesas Technology Corp UPD78323LP Datasheet HTML 6Page - Renesas Technology Corp UPD78323LP Datasheet HTML 7Page - Renesas Technology Corp UPD78323LP Datasheet HTML 8Page - Renesas Technology Corp UPD78323LP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
The information in this document is subject to change without notice.
DESCRIPTION
The
µPD78324 is a 16/8-bit single-chip microcontroller that incorporates a high-performance 16-bit CPU. The µPD78324
is one of 78K/III series. The internal capacity is significantly increased compared with the conventional
µPD78322.
A realtime pulse unit for realtime pulse control required in motor control, an A/D converter, a ROM, and a RAM have been
integrated into one chip.
The
µPD78324 incorporates 32K-byte mask ROM and 1024-byte RAM.
The
µPD78323 is a ROM-less version of the µPD78324. Also, It is provided the µPD78P324 as an on-chip PROM
product.
Detailed information about product features and specifications can be found in the following document.
µPD78322 User’s Manual : IEU-1248
FEATURES
• Internal 16-bit architecture and external 8-bit data bus
• High-speed processing by pipeline control and instruction prefetch
• Minimum instruction execution time: 250 ns (with 16 MHz external clock in operation)
• Instruction set suitable for control operations (
µPD78312 upward compatible)
• Multiply/divide instructions (16 bits
× 16 bits, 32 bits ÷ 16 bits)
• Bit manipulation instruction
• String instruction, etc.
• On-chip high-function interrupt controller
• 3-level priority specifiable
• 3-type interrupt processing mode selectable
(Vectored interrupt function, context switching function, and macro service function)
• Variety of peripheral hardware
• Realtime pulse unit
• 8-channel, 10-bit A/D converter
• Watchdog timer
• Powerful serial interface (with an on-chip dedicated baud rate generator)
• UART
····· 1 channel
• SBI (NEC Standard Serial Bus Interface)
• 3-wire serial I/O
APPLICATIONS
• Motor control devices
Unless there are any particular diferences, the
µPD78324 is described as the representative model in this document.
©
1991
DATA SHEET
µPD78323,78324
MOS INTEGRATED CIRCUIT
16/8-BIT SINGLE-CHIP MICROCONTROLLER
····· 1 channel
The mark
shows major revised points.
Document No. U10456EJ4V0DS00 (4th edition)
(Previous No. IC-2870)
Date Published November 1995 P
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com