Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # UPD78323LP
Description  MOS INTEGRATED CIRCUIT
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78323LP Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button UPD78323LP Datasheet HTML 31Page - Renesas Technology Corp UPD78323LP Datasheet HTML 32Page - Renesas Technology Corp UPD78323LP Datasheet HTML 33Page - Renesas Technology Corp UPD78323LP Datasheet HTML 34Page - Renesas Technology Corp UPD78323LP Datasheet HTML 35Page - Renesas Technology Corp UPD78323LP Datasheet HTML 36Page - Renesas Technology Corp UPD78323LP Datasheet HTML 37Page - Renesas Technology Corp UPD78323LP Datasheet HTML 38Page - Renesas Technology Corp UPD78323LP Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
33
µPD78323, 78324
Figure 3-2. Externally-Mounted System Clock Generator
(a) Crystal oscillator
Cautions 1. When the system clock oscillator is used, the following points should be noted concerning wiring
within broken lines shown in Figure 3-2, in order to prevent the effects of wiring capacitance, etc.
•
Keep the wiring as short as possible.
•
Do not cross any other signal lines, and keep clear of lines in which a high fluctuating current
flows.
•
Ensure that oscillator capacitor connection points are always at the same potential as VSS. Do not
ground in a ground pattern in which a high current flows.
•
Do not take a signal from the oscillator.
2. When an external clock is input to the X1 pin and the X2 pin is left open, ensure that no loads such
as wiring capacitance are connected to the X2 pin.
(b) External clock
(i) When the inverted phase of an
external clock to be input to the
X1 pin is input to the X2 pin
(ii) When X2 pin is left open
X2
X1
VSS
PD78324
µ
X1
X2
External
Clock
PD78324
µ
X1
X2
Open
External
Clock
PD78324
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com