Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD78323LP
Description  MOS INTEGRATED CIRCUIT
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78323LP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD78323LP Datasheet HTML 9Page - Renesas Technology Corp UPD78323LP Datasheet HTML 10Page - Renesas Technology Corp UPD78323LP Datasheet HTML 11Page - Renesas Technology Corp UPD78323LP Datasheet HTML 12Page - Renesas Technology Corp UPD78323LP Datasheet HTML 13Page - Renesas Technology Corp UPD78323LP Datasheet HTML 14Page - Renesas Technology Corp UPD78323LP Datasheet HTML 15Page - Renesas Technology Corp UPD78323LP Datasheet HTML 16Page - Renesas Technology Corp UPD78323LP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
11
µPD78323, 78324
1.
LIST OF PIN FUNCTIONS
1.1
PORT PINS
Dual-
Function Pin
RTP0 to
RTP7
NMI
INTP0
INTP1
INTP2
INTP3
INTP4
INTP5
INTP6/TI
TXD
RXD
SO/SB0
SI/SB1
SCK
AD0 to AD7
A8 to A15
AN0 to AN7
TO00
TO01
TO02
TO03
TO10
TO11
RD
WR
TAS
TMD
P00 to P07
P20
P21
P22
P23
P24
P25
P26
P27
P30
P31
P32
P33
P34
P40 to P47
P50 to P57
P70 to P77
Function
Pin Name
I/O
Port 0
8-bit input/output port
Input/output can be specified bit-wise
Also serves as a realtime output port.
Input
Input/
output
Port 4
8-bit input/output port
Input/output can be specified in 8-bit unit.
Port 5
8-bit input/output port
Input/output can be specified bit-wise
Port 7
Dedicated port for 8-bit input
Port 8
6-bit input/output port
Input/output can be specified bit-wise
Input/
output
Input/
output
Input/
output
Input
P80
P81
P82
P83
P84
P85
P90
P91
P92
P93
Input/
output
Port 2
Dedicated port for 8-bit input
Port 3
5-bit input/output port
Input/output can be specified bit-wise
Port 9
4-bit input/output port
Input/output can be specified bit-wise
Input/
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com