Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78323LP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD78323LP
Description  MOS INTEGRATED CIRCUIT
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78323LP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD78323LP Datasheet HTML 6Page - Renesas Technology Corp UPD78323LP Datasheet HTML 7Page - Renesas Technology Corp UPD78323LP Datasheet HTML 8Page - Renesas Technology Corp UPD78323LP Datasheet HTML 9Page - Renesas Technology Corp UPD78323LP Datasheet HTML 10Page - Renesas Technology Corp UPD78323LP Datasheet HTML 11Page - Renesas Technology Corp UPD78323LP Datasheet HTML 12Page - Renesas Technology Corp UPD78323LP Datasheet HTML 13Page - Renesas Technology Corp UPD78323LP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
BCU
ROM/RAM
SYSTEM
CONTROL
&
BUS
CONTROL
&
PREFETCH
CONTROL
ROMNote
32K
bytes
Peripheral
RAM
768
bytes
EXU
ALU
GENERAL
REGISTERS
128 bytes
&
DATA
MEMORY
128 bytes
MICRO SEQUENCE
CONTROL
MICRO ROM.
Main RAM
PROGRAMMABLE
INTERRUPT
CONTROLLER
TIMER/COUNTER UNIT
(REALTIME PULSE UNIT)
SERIAL INTERFACE
(SBI)
(UART)
(P20) NMI
INTP0–INTP5
(P21–P26)
(P80) TO00
(P81) TO01
(P82) TO02
(P83) TO03
(P84) TO10
(P85) TO11
(P27) TI/INTP6
(P34) SCK
(P32) SO/SB0
(P33) SI/SB1
(P30) TXD
(P31) RXD
WDT
A/D CONVERTER
(10 BIT)
PORT
VDD
VSS
AD0–AD7 (P40–P47)
A8–A15 (P50–P57)
EA
TMD (P93)
TAS (P92)
WR (P91)
RD (P90)
ASTB
RESET
X2
X1
Note The
µPD78323 does not incorporate ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com