Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7702
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7702 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMP7702 Datasheet HTML 1Page - National Semiconductor (TI) LMP7702 Datasheet HTML 2Page - National Semiconductor (TI) LMP7702 Datasheet HTML 3Page - National Semiconductor (TI) LMP7702 Datasheet HTML 4Page - National Semiconductor (TI) LMP7702 Datasheet HTML 5Page - National Semiconductor (TI) LMP7702 Datasheet HTML 6Page - National Semiconductor (TI) LMP7702 Datasheet HTML 7Page - National Semiconductor (TI) LMP7702 Datasheet HTML 8Page - National Semiconductor (TI) LMP7702 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
V
IN Differential
±300 mV
Supply Voltage (V
S =V
+ –V−)
13.2V
Voltage at Input/Output Pins
V
++ 0.3V, V− − 0.3V
Input Current
10 mA
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 3)
+150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering Lead Temp. (10
sec)
260˚C
Operating Ratings (Note 1)
Temperature Range (Note 3)
−40˚C to +125˚C
Supply Voltage (V
S =V
+ –V−)
2.7V to 12V
Package Thermal Resistance (
θ
JA (Note 3))
5-Pin SOT23
265˚C/W
8-Pin MSOP
235˚C/W
14-Pin TSSOP
122˚C/W
3V Electrical Characteristics (Note 4)
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 3V, V− = 0V, V
CM =V
+/2, and R
L > 10 k
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
LMP7701
±37
±200
±500
µV
LMP7702/LMP7704
±56
±220
±520
TCV
OS
Input Offset Voltage Drift
(Note 7)
±1
±5
µV/˚C
I
B
Input Bias Current
(Notes 7, 8)
−40˚C
≤ T
A
≤ 85˚C
±0.2
±1
±50
pA
(Notes 7, 8)
−40˚C
≤ T
A
≤ 125˚C
±0.2
±1
±400
I
OS
Input Offset Current
40
fA
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM
≤ 3V
LMP7701
86
80
130
dB
0V
≤ V
CM
≤ 3V
LMP7702/LMP7704
84
78
130
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 12V, Vo = V+/2
86
82
98
dB
CMVR
Input Common-Mode Voltage Range
CMRR
≥ 80 dB
CMRR
≥ 77 dB
–0.2
–0.2
3.2
3.2
V
A
VOL
Large Signal Voltage Gain
R
L =2k
Ω (LMP7701)
V
O = 0.3V to 2.7V
100
96
114
dB
R
L =2k
Ω (LMP7702/LMP7704)
V
O = 0.3V to 2.7V
100
94
114
R
L =10k
Ω
V
O = 0.2V to 2.8V
100
96
124
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com