Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7702
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7702 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMP7702 Datasheet HTML 1Page - National Semiconductor (TI) LMP7702 Datasheet HTML 2Page - National Semiconductor (TI) LMP7702 Datasheet HTML 3Page - National Semiconductor (TI) LMP7702 Datasheet HTML 4Page - National Semiconductor (TI) LMP7702 Datasheet HTML 5Page - National Semiconductor (TI) LMP7702 Datasheet HTML 6Page - National Semiconductor (TI) LMP7702 Datasheet HTML 7Page - National Semiconductor (TI) LMP7702 Datasheet HTML 8Page - National Semiconductor (TI) LMP7702 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
5V Electrical Characteristics (Note 4) (Continued)
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 5V, V− = 0V, V
CM =V
+/2, and R
L > 10 k
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
B
Input Bias Current
(Notes 7, 8)
−40˚C
≤ T
A
≤ 85˚C
±0.2
±1
±50
pA
(Notes 7, 8)
−40˚C
≤ T
A
≤ 125˚C
±0.2
±1
±400
I
OS
Input Offset Current
40
fA
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM
≤ 5V
LMP7701
88
83
130
dB
0V
≤ V
CM
≤ 5V
LMP7702/LMP7704
86
81
130
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 12V, V
O =V
+/2
86
82
100
dB
CMVR
Input Common-Mode Voltage Range
CMRR
≥ 80 dB
CMRR
≥ 78 dB
–0.2
–0.2
5.2
5.2
V
A
VOL
Large Signal Voltage Gain
R
L =2k
Ω (LMP7701)
V
O = 0.3V to 4.7V
100
96
119
dB
R
L =2k
Ω (LMP7702/LMP7704)
V
O = 0.3V to 4.7V
100
94
119
R
L =10k
Ω
V
O = 0.2V to 4.8V
100
96
130
V
O
Output Swing High
R
L =2k
Ω to V+/2
LMP7701
60
110
130
mV
from V
+
R
L =2k
Ω to V+/2
LMP7702/LMP7704
60
120
200
R
L =10k
Ω to V+/2
LMP7701
40
50
70
R
L =10k
Ω to V+/2
LMP7702/LMP7704
40
60
120
Output Swing Low
R
L =2k
Ω to V+/2
LMP7701
50
80
90
mV
R
L =2k
Ω to V+/2
LMP7702/LMP7704
50
120
190
R
L =10k
Ω to V+/2
LMP7701
30
40
50
R
L =10k
Ω to V+/2
LMP7702/LMP7704
30
50
100
I
O
Output Short Circuit Current
(Notes 3, 9)
Sourcing V
O =V
+/2
V
IN = 100 mV (LMP7701)
40
28
66
mA
Sourcing V
O =V
+/2
V
IN = 100 mV
(LMP7702/LMP7704)
38
25
66
Sinking V
O =V
+/2
V
IN = −100 mV (LMP7701)
40
28
76
Sinking V
O =V
+/2
V
IN = −100 mV
(LMP7702/LMP7704)
40
23
76
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com