Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7702
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7702 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMP7702 Datasheet HTML 1Page - National Semiconductor (TI) LMP7702 Datasheet HTML 2Page - National Semiconductor (TI) LMP7702 Datasheet HTML 3Page - National Semiconductor (TI) LMP7702 Datasheet HTML 4Page - National Semiconductor (TI) LMP7702 Datasheet HTML 5Page - National Semiconductor (TI) LMP7702 Datasheet HTML 6Page - National Semiconductor (TI) LMP7702 Datasheet HTML 7Page - National Semiconductor (TI) LMP7702 Datasheet HTML 8Page - National Semiconductor (TI) LMP7702 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3V Electrical Characteristics (Note 4) (Continued)
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 3V, V− = 0V, V
CM =V
+/2, and R
L > 10 k
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
O
Output Swing High
R
L =2k
Ω to V+/2
LMP7701
40
80
120
mV
from V
+
R
L =2k
Ω to V+/2
LMP7702/LMP7704
40
80
150
R
L =10k
Ω to V+/2
LMP7701
30
40
60
R
L =10k
Ω to V+/2
LMP7702/LMP7704
35
50
100
Output Swing Low
R
L =2k
Ω to V+/2
LMP7701
40
60
80
mV
R
L =2k
Ω to V+/2
LMP7702/LMP7704
45
100
170
R
L =10k
Ω to V+/2
LMP7701
20
40
50
R
L =10k
Ω to V+/2
LMP7702/LMP7704
20
50
90
I
O
Output Short Circuit Current
(Notes 3, 9)
Sourcing V
O =V
+/2
V
IN = 100 mV
25
15
42
mA
Sinking V
O =V
+/2
V
IN = −100 mV (LMP7701)
25
20
42
Sinking V
O =V
+/2
V
IN = −100 mV
(LMP7702/LMP7704)
25
15
42
I
S
Supply Current
LMP7701
0.670
1.0
1.2
mA
LMP7702
1.4
1.8
2.1
LMP7704
2.9
3.5
4.5
SR
Slew Rate (Note 10)
A
V = +1, VO =2VPP
10% to 90%
0.9
V/µs
GBW
Gain Bandwidth Product
2.5
MHz
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, A
V =1,R.L =10k
Ω
0.02
%
e
n
Input-Referred Voltage Noise
f = 1 kHz
9
nV/
i
n
Input-Referred Current Noise
f = 100 kHz
1
fA/
5V Electrical Characteristics (Note 4)
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 5V, V− = 0V, V
CM =V
+/2, and R
L > 10 k
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
LMP7701
±37
±200
±500
µV
LMP7702/LMP7704
±32
±220
±520
TCV
OS
Input Offset Voltage Drift
(Note 7)
±1
±5
µV/˚C
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com