Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7702
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7702 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMP7702 Datasheet HTML 2Page - National Semiconductor (TI) LMP7702 Datasheet HTML 3Page - National Semiconductor (TI) LMP7702 Datasheet HTML 4Page - National Semiconductor (TI) LMP7702 Datasheet HTML 5Page - National Semiconductor (TI) LMP7702 Datasheet HTML 6Page - National Semiconductor (TI) LMP7702 Datasheet HTML 7Page - National Semiconductor (TI) LMP7702 Datasheet HTML 8Page - National Semiconductor (TI) LMP7702 Datasheet HTML 9Page - National Semiconductor (TI) LMP7702 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
±5V Electrical Characteristics (Note 4) (Continued)
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 5V, V− = −5V, V
CM = 0V, and RL > 10 k
Ω to 0V.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
O
Output Swing High
R
L =2k
Ω to 0V
LMP7701
90
150
170
mV
from V
+
R
L =2k
Ω to 0V
LMP7702/LMP7704
90
180
290
R
L =10k
Ω to 0V
LMP7701
40
80
100
R
L =10k
Ω to 0V
LMP7702/LMP7704
40
80
150
Output Swing Low
R
L =2k
Ω to 0V
LMP7701
90
130
150
mV
from V
–
R
L =2k
Ω to 0V
LMP7702/LMP7704
90
180
290
R
L =10k
Ω to 0V
LMP7701
40
50
60
R
L =10k
Ω to 0V
LMP7702/LMP7704
40
60
110
I
O
Output Short Circuit Current
(Notes 3, 9)
Sourcing V
O =0V
V
IN = 100 mV (LMP7701)
50
35
86
mA
Sourcing V
O =0V
V
IN = 100 mV
(LMP7702/LMP7704)
48
33
86
Sinking V
O =0V
V
IN = −100 mV
50
35
84
I
S
Supply Current
LMP7701
0.790
1.1
1.3
mA
LMP7702
1.7
2.1
2.5
LMP7704
3.2
4.2
5.0
SR
Slew Rate (Note 10)
A
V = +1, VO =9VPP
10% to 90%
1.1
V/µs
GBW
Gain Bandwidth Product
2.5
MHz
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, A
V =1,RL =10k
Ω
0.02
%
e
n
Input-Referred Voltage Noise
f = 1 kHz
9
nV/
i
n
Input-Referred Current Noise
f = 100 kHz
1
fA/
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics Tables.
Note 2: Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF.
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Note 4: Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device.
Note 5: Typical values represent the parametric norm at the time of characterization.
Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlations using the Statistical Quality
Control (SQC) method.
Note 7: Guaranteed by design.
Note 8: Positive current corresponds to current flowing into the device.
Note 9: The short circuit test is a momentary test.
Note 10: The number specified is the slower of positive and negative slew rates.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com