Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9012 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9012
Description  Stepper Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9012 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9012 Datasheet HTML 1Page - Micro Analog systems MAS9012 Datasheet HTML 2Page - Micro Analog systems MAS9012 Datasheet HTML 3Page - Micro Analog systems MAS9012 Datasheet HTML 4Page - Micro Analog systems MAS9012 Datasheet HTML 5Page - Micro Analog systems MAS9012 Datasheet HTML 6Page - Micro Analog systems MAS9012 Datasheet HTML 7Page - Micro Analog systems MAS9012 Datasheet HTML 8Page - Micro Analog systems MAS9012 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DA9012.001
25 August 2004
3 (12)
OPERATION DESCRIPTION
MAS9012 is a stepper motor driver IC specifically
designed to drive bipolar stepper motors of pointers
in a car and motorcycle dashboard and in the other
similar applications. It has four different device
versions: A1, A2, A3 and A4 with single, dual, triple
and quad stepper motor driver outputs respectively
(see block diagrams on page 2).
The IC is operated from single 5V supply. Each
stepper motor output is controlled by two digital
control signal inputs, FSCX and CW. Each rising
edge of FSCX stepping clock input causes stepper
motor to step one microstep (1/12 degree) ahead.
Rotation direction is determined by CW rotation
direction selection signal. High CW selects
clockwise
direction
and
low
CW
selects
counterclockwise direction. Each stepper motor has
its own FSCX and CW signal inputs.
The device has common XRESET master reset
control input for resetting stepper motor outputs to
initial state. XRESET is active low. Each digital
input has a glitch filter for eliminating effects of
electrical disturbances at the control inputs.
It is recommended to keep XRESET signal low
(active) during power up until the supply voltage
VDD has risen up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com