Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9012 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9012
Description  Stepper Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9012 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS9012 Datasheet HTML 2Page - Micro Analog systems MAS9012 Datasheet HTML 3Page - Micro Analog systems MAS9012 Datasheet HTML 4Page - Micro Analog systems MAS9012 Datasheet HTML 5Page - Micro Analog systems MAS9012 Datasheet HTML 6Page - Micro Analog systems MAS9012 Datasheet HTML 7Page - Micro Analog systems MAS9012 Datasheet HTML 8Page - Micro Analog systems MAS9012 Datasheet HTML 9Page - Micro Analog systems MAS9012 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DA9012.001
25 August 2004
6 (12)
APPLICATION INFORMATION
Glitch
Filter
Output
Driver A
Glitch
Filter
FSCXA
CWA
Glitch
Filter
Output
Driver B
Glitch
Filter
FSCXB
CWB
Glitch
Filter
Output
Driver C
Glitch
Filter
FSCXC
CWC
Glitch
Filter
Output
Driver D
Glitch
Filter
FSCXD
CWD
VSS
VDD
XRESET
GND
GND
VCC
OUTA1
OUTA2
OUTA3
OUTA4
OUTB1
OUTB2
OUTB3
OUTB4
OUTC1
OUTC2
OUTC3
OUTC4
OUTD1
OUTD2
OUTD3
OUTD4
VDD
VCC
VSS
GND
µ C
Glitch
Filter
100nF
22µF
+
GND
Stepper
Motor
Stepper
Motor
Stepper
Motor
Stepper
Motor
MAS9012A4
10
k
Ω
Figure 3. Typical MAS9012A4 quad stepper motor driver application circuit
The supply voltages of MAS9012 can be decoupled
with parallel connection of 22
µF and 100 nF
decoupling capacitors (see figure 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com