Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9012 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS9012
Description  Stepper Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9012 Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS9012 Datasheet HTML 4Page - Micro Analog systems MAS9012 Datasheet HTML 5Page - Micro Analog systems MAS9012 Datasheet HTML 6Page - Micro Analog systems MAS9012 Datasheet HTML 7Page - Micro Analog systems MAS9012 Datasheet HTML 8Page - Micro Analog systems MAS9012 Datasheet HTML 9Page - Micro Analog systems MAS9012 Datasheet HTML 10Page - Micro Analog systems MAS9012 Datasheet HTML 11Page - Micro Analog systems MAS9012 Datasheet HTML 12Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DA9012.001
25 August 2004
8 (12)
MAS9012A2 DUAL OUTPUT DRIVER PIN CONFIGURATION IN PLASTIC TSSOP-16
OUTB3
NC
OUTB4
OUTB2
OUTB1
CWB
FSCXB
XRESET
OUTA4
VDD
OUTA3
OUTA2
OUTA1
CWA
FSCXA
VSS
Top Marking Definitions:
YYWW = Year Week
PIN DESCRIPTION
Pin Name
Pin
Type
Function
1
NC
OUTB3
2
AO
Stepper Motor Driver B Coil Output 3
OUTB4
3
AO
Stepper Motor Driver B Coil Output 4
OUTB2
4
AO
Stepper Motor Driver B Coil Output 2
OUTB1
5
AO
Stepper Motor Driver B Coil Output 1
CWB
6
DI
Rotation Direction Selection B,
High = Clockwise, Low = Counterclockwise
FSCXB
7
DI
Stepping Clock Input B
XRESET
8
DI
Master Reset, active low
VSS
9
G
Power Supply Ground
FSCAXA
10
DI
Stepping Clock Input A
CWA
11
DI
Rotation Direction Selection A,
High = Clockwise, Low = Counterclockwise
OUTA1
12
AO
Stepper Motor Driver A Coil Output 1
OUTA2
13
AO
Stepper Motor Driver A Coil Output 2
OUTA4
14
AO
Stepper Motor Driver A Coil Output 4
OUTA3
15
AO
Stepper Motor Driver A Coil Output 3
VDD
16
P
Positive Power Supply
A = Analog, D = Digital, P = Power, G = Ground, I = Input, O = Output, NC = Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com