Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9012 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS9012
Description  Stepper Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9012 Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS9012 Datasheet HTML 3Page - Micro Analog systems MAS9012 Datasheet HTML 4Page - Micro Analog systems MAS9012 Datasheet HTML 5Page - Micro Analog systems MAS9012 Datasheet HTML 6Page - Micro Analog systems MAS9012 Datasheet HTML 7Page - Micro Analog systems MAS9012 Datasheet HTML 8Page - Micro Analog systems MAS9012 Datasheet HTML 9Page - Micro Analog systems MAS9012 Datasheet HTML 10Page - Micro Analog systems MAS9012 Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DA9012.001
25 August 2004
7 (12)
MAS9012A1 SINGLE OUTPUT DRIVER PIN CONFIGURATION IN PLASTIC TSSOP-16
NC
NC
XRESET
CW
FSCX
VSS
NC
NC
VDD
NC
NC
OUTA3
OUTA4
OUTA2
OUTA1
NC
Top Marking Definitions:
YYWW = Year Week
PIN DESCRIPTION
Pin Name
Pin
Type
Function
1
NC
2
NC
XRESET
3
DI
Master Reset, active low
CW
4
DI
Rotation Direction Selection,
High = Clockwise, Low = Counterclockwise
FSCX
5
DI
Stepping Clock Input
VSS
6
G
Power Supply Ground
7
NC
8
NC
9
NC
OUTA1
10
AO
Stepper Motor Driver A Coil Output 1
OUTA2
11
AO
Stepper Motor Driver A Coil Output 2
OUTA4
12
AO
Stepper Motor Driver A Coil Output 4
OUTA3
13
AO
Stepper Motor Driver A Coil Output 3
VDD
14
P
Positive Power Supply
15
NC
16
NC
A = Analog, D = Digital, P = Power, G = Ground, I = Input, O = Output, NC = Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com