Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMR400UN Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PMR400UN
Description  N-channel TrenchMOS ultra low level FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMR400UN Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PMR400UN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PMR400UN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 2 February 2012
5 of 13
NXP Semiconductors
PMR400UN
N-channel TrenchMOS ultra low level FET
7.
Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =1µA; VGS =0V; Tj = 25 °C
30
--V
ID =1µA; VGS =0V; Tj = -55 °C
27
--V
VGS(th)
gate-source threshold
voltage
ID =0.25mA; VDS =VGS; Tj = 25 °C
0.45
0.7
1
V
ID =0.25mA; VDS =VGS; Tj = 150 °C
0.25
-
-
V
ID =0.25mA; VDS =VGS; Tj = -55 °C
--1.2
V
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj = 25 °C
--1
µA
VDS =30V; VGS =0V; Tj = 150 °C
-
-
100
µA
IGSS
gate leakage current
VGS =8V; VDS =0V; Tj = 25 °C
-
10
100
nA
VGS =-8 V; VDS =0V; Tj = 25 °C
-
10
100
nA
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID = 0.2 A; Tj = 25 °C
-
400
480
m
Ω
VGS =4.5 V; ID = 0.2 A; Tj = 150 °C
-
660
816
m
Ω
VGS =2.5 V; ID = 0.1 A; Tj = 25 °C
-
480
580
m
Ω
VGS =1.8 V; ID = 0.075 A; Tj = 25 °C
-
580
830
m
Ω
Dynamic characteristics
QG(tot)
total gate charge
ID =1A; VDS =15V; VGS =4.5 V;
Tj =25°C
-0.89
-nC
QGS
gate-source charge
-
0.1
-
nC
QGD
gate-drain charge
-
0.2
-
nC
Ciss
input capacitance
VDS =25V; VGS = 0 V; f = 1 MHz;
Tj =25°C
-43
-pF
Coss
output capacitance
-
7.7
-
pF
Crss
reverse transfer
capacitance
-4.8
-pF
td(on)
turn-on delay time
VDS =15V; RL =15 Ω; VGS =4.5 V;
RG(ext) =6 Ω; Tj =25 °C
-4
-ns
tr
rise time
-
7.5
-
ns
td(off)
turn-off delay time
-
18
-
ns
tf
fall time
-
4.5
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 0.3 A; VGS =0V; Tj = 25 °C
-
0.76
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com