Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMR400UN Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PMR400UN
Description  N-channel TrenchMOS ultra low level FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMR400UN Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PMR400UN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 11Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PMR400UN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 2 February 2012
7 of 13
NXP Semiconductors
PMR400UN
N-channel TrenchMOS ultra low level FET
ID = 0.25 mA; VDS = VGS
Fig 9.
Gate-source threshold voltage as a function of
junction temperature
Fig 10. Sub-threshold drain current as a function of
gate-source voltage
Fig 11. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
Fig 12. Source current as a function of source-drain
voltage; typical values
Tj (°C)
−60
180
120
060
03aj65
0.6
0.3
0.9
1.2
VGS(th)
(V)
0
max
min
typ
03am43
VGS (V)
0
1.2
0.8
0.4
10−4
10−5
10−3
ID
(A)
10−6
min
typ
max
03an98
1
10
10
2
10
-1
1
10
10
2
VDS (V)
C
(pF)
Ciss
Coss
Crss
VSD (V)
01
0.8
0.4
0.6
0.2
03an97
0.4
0.6
0.2
0.8
1
IS
(A)
0
150
°C
Tj = 25 °C
VGS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com