Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMR400UN Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PMR400UN
Description  N-channel TrenchMOS ultra low level FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMR400UN Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PMR400UN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PMR400UN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 2 February 2012
6 of 13
NXP Semiconductors
PMR400UN
N-channel TrenchMOS ultra low level FET
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature
03an94
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
VDS (V)
ID
(A)
4.5
3
2.5
2
1.8
VGS (V) = 1.5
03an96
0
0.5
1
1.5
2
2.5
012
34
VGS (V)
ID
(A)
Tj = 150
°C
25
°C
03an95
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
2.5
ID (A)
RDSon
(
Ω)
4.5
3
2.5
2
VGS (V) = 1.8
03af18
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (
°C)
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com