Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMR400UN Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMR400UN
Description  N-channel TrenchMOS ultra low level FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMR400UN Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMR400UN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMR400UN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1.
Product profile
1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in ultra small
Surface-Mounted Device (SMD) plastic package using TrenchMOS technology.
1.2 Features and benefits
 Low threshold voltage
 Surface mounted package
 Low on-state resistance
 Footprint 63% smaller than SOT23
1.3 Applications
 Driver circuits
 Switching in portable appliances
1.4 Quick reference data
2.
Pinning information
PMR400UN
N-channel TrenchMOS ultra low level FET
Rev. 2 — 2 February 2012
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
--30
V
ID
drain current
Tsp =25 °C; VGS = 4.5 V
--0.8
A
VGS
gate-source voltage
-8
-
8
V
Static characteristics
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID = 0.2 A; Tj = 25 °C
-
400
480
m
Ω
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT416 (SC-75)
2S
source
3
D
drain
12
3
S
D
G
017aaa253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com