Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11LP11 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST11LP11
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST11LP11 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST11LP11 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Preliminary Specifications
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP11
©2005 SST Communications Corp.
S71284-00-000
1/05
6
TWO-TONE MEASUREMENTS
TEST CONDITIONS:
∆F = 1 MHZ
FIGURE 3: POWER GAIN VERSUS POWER OUTPUT
FIGURE 4: SUPPLY CURRENT VERSUS OUTPUT POWER
20
22
24
26
28
30
9
1011
1213
1415
1617
1819
2021
2223
Output Power (dBm)
4.92 GHz
5.18 GHz
5.32 GHz
5.805 GHz
75
125
175
225
275
325
9
1011
12
1314
1516171819
202122
23
Output Power (dBm)
4.92 GHz
5.18 GHz
5.32 GHz
5.805 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com