Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11LP11 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST11LP11
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST11LP11 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST11LP11 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2005 SST Communications Corp.
S71284-00-000
1/05
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
FEATURES:
•Gain:
– ~24 dB gain across the 4.9-5.8 GHz band
•
High linear output power:
– ~25 dBm P1dB
– EVM~4% at 18 dBm over 4.9-5.8 GHz for 64
QAM/54 Mbps operation
– ACPR below IEEE 802.11a Mask up to 21 dBm
across full band
•
Low idle current
–~80 mA ICQ
•
Low shut-down current (< 1 µA)
•
20 dB dynamic range on-chip differential linear
power detection
•
Simple RF matching circuits
•
Packages available
– 16-contact VQFN (3mm x 3mm)
– Non-Pb (lead-free) packages available
APPLICATIONS:
•
WLAN (IEEE 802.11a)
•Japan WLAN
•
HyperLAN2
•
Multimedia
PRODUCT DESCRIPTION
The SST11LP11 is a high-performance power amplifier IC
based on the highly-reliable InGaP/GaAs HBT technology.
The SST11LP11 is designed to operate over the entire
WLAN 802.11a band between 4.9-5.8 GHz frequency
band for the U.S., European, and Japanese markets while
achieving highly-linear power and low EVM.
The SST11LP11 power amplifier IC features easy board-
level usage along with on-chip linear power detection and
power-down control. These features coupled with low cur-
rent draw at maximum linear power make the SST11LP11
ideal for battery-powered 802.11a WLAN transmitter appli-
cations.
The SST11LP11 is offered in 16-contact VQFN package.
See Figure 1 for pin assignments and Table 1 for pin
descriptions.
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP11
SST11LP114.9-5.8 GHz High-Linearity Power Amplifier


Similar Part No. - SST11LP11

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12 Datasheet
563Kb / 17P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12 SST-SST11LP12 Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
List of Unclassifed Man...
SST11LP12 ETC2-SST11LP12 Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
Silicon Storage Technol...
SST11LP12-QCF SST-SST11LP12-QCF Datasheet
563Kb / 17P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12-QCF-K SST-SST11LP12-QCF-K Datasheet
563Kb / 17P
4.9-5.8 GHz High-Linearity Power Amplifier
More results

Similar Description - SST11LP11

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12 Datasheet
563Kb / 17P
4.9-5.8 GHz High-Linearity Power Amplifier
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
logo
List of Unclassifed Man...
AR1100-IMQ ETC2-AR1100-IMQ Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
4.9-5.9 GHz High-Linearity Power Amplifier
08/13
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com