Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11LP11 Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST11LP11
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST11LP11 Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST11LP11 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 14Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary Specifications
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP11
11
©2005 SST Communications Corp.
S71284-00-000
1/05
FIGURE 12: TYPICAL SCHEMATIC FOR HIGH-POWER, HIGH-EFFICIENCY 802.11A APPLICATIONS
VCC
50
Ω
100pF
50
Ω RFin
VREG2
10µF
0.1 F
4.7pF*
* As close as possible to package
**For 8~10 mil FR4 dielectric board
100pF
0.1uF
40~60mil/10~12mil
Bias Circuit
10
2
5
6
7
8
9
11
12
16
15
14
13
3
4
1
50
Ω RFOUT
0.5 pF/0402 Hi-Q, typically
Johanson S-series
80mil/60mil**
91
Ω
Det_ref
Det
0.1µF*
10pF
10pF
0.1µF
0.1µF
25
Ω
42
Ω
50
Ω
42
Ω
100pF
VREG1
VREG3
1284 Schematic.0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com