Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11LP11 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST11LP11
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST11LP11 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST11LP11 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST11LP11 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary Specifications
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP11
7
©2005 SST Communications Corp.
S71284-00-000
1/05
FIGURE 5: IMD3 VERSUS OUTPUT POWER
FIGURE 6: DETECTOR VOLTAGE VERSUS OUTPUT POWER
-50
-45
-40
-35
-30
-25
-20
9
10
11
12
1314
151617
18192021
22
23
Output Power (dBm)
4.92 GHz
5.18 GHz
5.32 GHz
5.805 GHz
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-2
0
2
4
6
8
1012
14
1618
2022
24
Output Power (dBm)
4.9 GHz
5.18 GHz
5.32 GHz
5.805 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com