Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9187 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9187
Description  12 X 8-bit D to A Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9187 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9187 Datasheet HTML 1Page - Micro Analog systems MAS9187 Datasheet HTML 2Page - Micro Analog systems MAS9187 Datasheet HTML 3Page - Micro Analog systems MAS9187 Datasheet HTML 4Page - Micro Analog systems MAS9187 Datasheet HTML 5Page - Micro Analog systems MAS9187 Datasheet HTML 6Page - Micro Analog systems MAS9187 Datasheet HTML 7Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 (7)
DA9187.002
29 January, 2004
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Power Supply (VDD to GND)
VDD
-0.3
+6.0
V
Input Voltage Range (any other pin)
-0.3
VDD + 0.3
V
Continuous Power Dissipation
1000
mW
Storage Temperature Range
-65
+150
°C
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Supply Voltage Range
VDD
2.7
3.6
5.5
V
1)
Operating Temperature
Range
Temp
-40
+85
°C
Note 1: MAS9187Axx3 and MAS9187Axx4 minimum supply voltage 1.8 V
ELECTRICAL CHARACTERISTICS
(VDD = 3.0 V
± 10% or 5.0 V ± 10%, VREFH = VDD, VREFL = 0V, -40°C ≤ TA ≤ +85°C unless otherwise noted)
DC Parameters
◆ Digital Inputs
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DAC Resolution
N
8
Bits
DAC Differential Nonlinearity Error
DNL
-1
+1
LSB
DAC Integral Nonlinearity Error
INL
-1
+1
LSB
DAC Full-scale Error
GFSE
-1
+1
LSB
DAC Zero Code Error
BZSE
-1
+1
LSB
DAC Output Resistance
ROUT
30
60
Ω
◆ Reference Input
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
REFH Voltage Range
VREFH
VREFH > VREFL
0
VDD
REFL Voltage Range (MAS9187A2 only)
VREFL
VREFH > VREFL
0
VDD
REFH Input Resistance
RREFH
5
10
k
Ω
REFL Input Resistance
RREFL
10
k
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com