Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9187 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9187
Description  12 X 8-bit D to A Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9187 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9187 Datasheet HTML 1Page - Micro Analog systems MAS9187 Datasheet HTML 2Page - Micro Analog systems MAS9187 Datasheet HTML 3Page - Micro Analog systems MAS9187 Datasheet HTML 4Page - Micro Analog systems MAS9187 Datasheet HTML 5Page - Micro Analog systems MAS9187 Datasheet HTML 6Page - Micro Analog systems MAS9187 Datasheet HTML 7Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 (7)
DA9187.002
29 January, 2004
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
O8
8-BIT DAC
O7
O6
O5
O4
O3
O2
O1
VREFHVREFL
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
O12
O11
O10
O9
CLK
SDI
XCS
VDD
GND
12-bit
Shift
Register
Address
Decoder
8-bit data
MAS9187
12 X 8-bit D to A Converter
• 3-pin Serial Data Interface
• Low Voltage Output Buffer
DESCRIPTION
MAS9187 is 12-channel 8-bit DAC, designed
primarily for trimmer replacement. Device is
controlled by a simple 3-line input. The output
buffers operate in the entire voltage range from
ground to the positive power supply rail.
DAC is selected with four first bits in serial input
data (SDI-pin) and the DAC output value is set
according to the last 8 bits in serial input data.
FEATURES
APPLICATIONS
•
Twelve 8-bit DACs on a single monolithic chip
•
Voltage level output
•
TSSOP 20 package
•
Single, low +1.8 V supply
•
Power-on reset
•
High resolution monitors
•
Automatic gain control
•
Trimmer replacement
BLOCK DIAGRAM


Similar Part No. - MAS9187

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9180 MAS-MAS9180 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1TC00 MAS-MAS9180A1TC00 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1UA06 MAS-MAS9180A1UA06 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1UC06 MAS-MAS9180A1UC06 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A5TC00 MAS-MAS9180A5TC00 Datasheet
278Kb / 15P
AM Receiver IC
More results

Similar Description - MAS9187

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD570 AD-AD570 Datasheet
312Kb / 8P
Complete 8-Bit A-to-D Converter
logo
Integrated Circuit Syst...
ADC87 ICST-ADC87 Datasheet
1Mb / 6P
12-bit, 8 Usec Military A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
12-Bit A/D Converter
logo
Micro Analog systems
MAS9184A MAS-MAS9184A Datasheet
132Kb / 9P
12 X 8-bit D to A Converter
MAS9188 MAS-MAS9188 Datasheet
195Kb / 10P
12 횞 8-Bit D to A Converter
logo
Texas Instruments
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
12-Bit A/D Converter
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
12-Bit A/D Converter
23-Feb-2017
AD570 AD-AD570_17 Datasheet
850Kb / 9P
Complete 8-Bit A-to-D Converter
4/12-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com