Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9187 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9187
Description  12 X 8-bit D to A Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9187 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9187 Datasheet HTML 1Page - Micro Analog systems MAS9187 Datasheet HTML 2Page - Micro Analog systems MAS9187 Datasheet HTML 3Page - Micro Analog systems MAS9187 Datasheet HTML 4Page - Micro Analog systems MAS9187 Datasheet HTML 5Page - Micro Analog systems MAS9187 Datasheet HTML 6Page - Micro Analog systems MAS9187 Datasheet HTML 7Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5 (7)
DA9187.002
29 January, 2004
OPERATING MODES
DAC maximum output voltage is set using VREFH and VREFL pins (= 255/256 * (VREFH-VREFL)+VREFL)
(note: VREFL=GND in case of MAS9187A1). XRESET pin is used for middle code preset: DAC registers are
reset and middle code will appear at the DAC output.
Serial input data is written to SDI while XCS is low. Data is read at CLK rising edge to on-chip shift register.
Rising XCS-pin stops data reading and 12 CLK-cycles are used as the input data (4 address bits and 8 data
bits). The last 12 bits before rising XCS are used as input data.
◆ Timing diagram
APPLICATION AND TEST CIRCUIT INFORMATION
Clock
Data In
MAS9187A2
O8
O1
O2
O3
O4
O5
O6
O7
15
14
7
6
5
4
3
2
VREFH
VREFL
CLK
SDI
12
13
Controller
O12
O9
O10
O11
19
18
17
16
VDD
GND
+3.0v
11
10
1
20
XCS
Latch
9
8
XSHDN
100 nF
SDI
A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
CLK
XCS
DAC Register Load
V
OUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com