Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9187 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9187
Description  12 X 8-bit D to A Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9187 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9187 Datasheet HTML 1Page - Micro Analog systems MAS9187 Datasheet HTML 2Page - Micro Analog systems MAS9187 Datasheet HTML 3Page - Micro Analog systems MAS9187 Datasheet HTML 4Page - Micro Analog systems MAS9187 Datasheet HTML 5Page - Micro Analog systems MAS9187 Datasheet HTML 6Page - Micro Analog systems MAS9187 Datasheet HTML 7Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 (7)
DA9187.002
29 January, 2004
◆ Digital Input
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Digital Logic High
VIH
0.7*VDD
Digital Logic Low
VIL
0.3*VDD
Digital Input Current
IIL
± 1
uA
◆ Power Supplies
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Power Supply Range
VDD
2.7
5.5
V
1)
Supply Current
IDD
VDD = 3.60V
3
6
mA
Supply Current
IDD
VDD = 5.50V
20
mA
Shutdown Current
ISHDN
0.5
5
uA
Note 1: MAS9187Axx3 and MAS9187Axx4 minimum supply voltage 1.8 V
AC Parameters
◆ AC Characteristics
Dynamic Performance
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Power Supply Sensitivity (100Hz)
PSRR
54
dB
Vout Settling time (
±1/2 LSB error band)
TS
6
µs
Crosstalk between adjacent outputs
CT
63
dB
Switching Characteristics
(Minimum values at +25
oC, VDD = 3.60 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Clock High Pulse Width
TCH
16
ns
Input Clock Low Pulse Width
TCL
7
ns
Data Setup Time
TDS
-5
ns
Data Hold Time
TDH
5
ns
XCS Fall to First Clock Pulse Fall
TCLCL
16
ns
XCS High Pulse Width
TCSW
22
ns
RESET Pulse Width
TRS
28
ns
CLK Rise to XCS Rise Hold Time
TCSH
22
ns
XCS Rise to CLOCK Rise Setup
TCS1
-5
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com