Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 11 Page - ams AG

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7343 Datasheet(HTML) 11 Page - ams AG

Back Button AS7343 Datasheet HTML 7Page - ams AG AS7343 Datasheet HTML 8Page - ams AG AS7343 Datasheet HTML 9Page - ams AG AS7343 Datasheet HTML 10Page - ams AG AS7343 Datasheet HTML 11Page - ams AG AS7343 Datasheet HTML 12Page - ams AG AS7343 Datasheet HTML 13Page - ams AG AS7343 Datasheet HTML 14Page - ams AG AS7343 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
Document Feedback
AS7343
Optical Characteristics
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 11
Figure 8:
Optical Characteristics of Spectral Channels, AGAIN: 1024x, Integration Time: 27.8 ms
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Re_F1
Irradiance
responsivity
channel F1
LED_396 nm ; Ee= 155 mW/m²
LED_408 nm ; Ee= 155 mW/m²
4311
5749
7760
counts
Re_F2
Irradiance
responsivity
channel F2
LED_408 nm ; Ee= 155 mW/m²
LED_448 nm ; Ee= 155 mW/m²
1317
1756
2371
counts
Re_FZ
Irradiance
responsivity
channel FZ
LED_428 nm ; Ee= 155 mW/m²
LED_480 nm ; Ee= 155 mW/m²
1627
2169
2711
counts
Re_F3
Irradiance
responsivity
channel F3
LED_448 nm ; Ee= 155 mW/m²
LED_500 nm ; Ee= 155 mW/m²
577
770
962
counts
Re_F4
Irradiance
responsivity
channel F4
LED_500 nm ; Ee= 155 mW/m²
LED_534 nm ; Ee= 155 mW/m²
2356
3141
3926
counts
Re_FY
Irradiance
responsivity
channel FY
LED_534 nm ; Ee= 155 mW/m²
LED_593 nm ; Ee= 155 mW/m²
2810
3747
4684
counts
Re_F5
Irradiance
responsivity
channel F5
LED_531 nm ; Ee= 155 mW/m²
LED_594 nm ; Ee= 155 mW/m²
1180
1574
1967
counts
Re_FXL
Irradiance
responsivity
channel FXL
LED_593 nm ; Ee= 155 mW/m²
LED_628 nm ; Ee= 155 mW/m²
3582
4776
5970
counts
Re_F6
Irradiance
responsivity
channel F6
LED_618 nm ; Ee= 155 mW/m²
LED_665 nm ; Ee= 155 mW/m²
2502
3336
4170
counts
Re_F7
Irradiance
responsivity
channel F7
LED_685 nm ; Ee= 155 mW/m²
LED_715 nm ; Ee= 155 mW/m²
4095
5435
6774
counts
Re_F8
Irradiance
responsivity
channel F8
LED_715 nm ; Ee= 155 mW/m²
LED_766 nm ; Ee= 155 mW/m²
648
864
1166
counts
Re_NIR
Irradiance
responsivity
channel NIR
LED_849 nm ; Ee= 155 mW/m²
LED_903 nm ; Ee= 155 mW/m²
7936
10581
13226
counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com