Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 41 Page - ams AG

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7343 Datasheet(HTML) 41 Page - ams AG

Back Button AS7343 Datasheet HTML 37Page - ams AG AS7343 Datasheet HTML 38Page - ams AG AS7343 Datasheet HTML 39Page - ams AG AS7343 Datasheet HTML 40Page - ams AG AS7343 Datasheet HTML 41Page - ams AG AS7343 Datasheet HTML 42Page - ams AG AS7343 Datasheet HTML 43Page - ams AG AS7343 Datasheet HTML 44Page - ams AG AS7343 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 41
10.2.7
Spectral Data and Status
The ASTATUS register provides saturation and gain status associated to each set of spectral data.
Reading the ASTATUS register (0x94) latches all 36 spectral data bytes to that status read. Reading
these bytes consecutively (0x94 to 0xB8) ensures that the data is concurrent. All spectral data are
stored as 16-bit values. If flicker detection is enabled, spectral channel five (CH5 ADC) is used for the
flicker detection function. The ASTATUS and spectral data registers are read only.
ASTATUS Register (Address 0x94)
Figure 50:
ASTATUS Register
Addr: 0x94
ASTATUS
Bit
Bit Name
Default
Access
Bit Description
7
ASAT_STATUS
0
R, SC
Saturation Status.
Indicates if the latched data is affected by analog or
digital saturation.
6:4
Reserved
0
R
Reserved
3:0
AGAIN_STATUS
0
R, SC
Gain Status.
Indicates the gain applied for the spectral data
latched to this ASTATUS read.
DATA Register (Address 0x95/0xB8)
Figure 51:
DATA_N_L Register
Addr: 0x95/97/99..B7
DATA_N_L
Bit
Bit Name
Default
Access
Bit Description
7:0
DATA_N_L
0
R
Spectral Data
– low byte
Figure 52:
DATA_N_H Register
Addr: 0x96/98/9A..B8
DATA_N_H
Bit
Bit Name
Default
Access
Bit Description
7:0
DATA_N_H
0
R
Spectral Data
– high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com