Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 17 Page - ams AG

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7343 Datasheet(HTML) 17 Page - ams AG

Back Button AS7343 Datasheet HTML 13Page - ams AG AS7343 Datasheet HTML 14Page - ams AG AS7343 Datasheet HTML 15Page - ams AG AS7343 Datasheet HTML 16Page - ams AG AS7343 Datasheet HTML 17Page - ams AG AS7343 Datasheet HTML 18Page - ams AG AS7343 Datasheet HTML 19Page - ams AG AS7343 Datasheet HTML 20Page - ams AG AS7343 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
Document Feedback
AS7343
Functional Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 17
8.2
Sensor Array
The device features a 5x5-photodiode array. On top and below the photodiode array there are two
photodiodes with dedicated functions such as flicker detection (
“FD”) and near- infrared response
(
“NIR”). The photodiode “C” represents a photodiode without filter and is responsive in the visible
spectral range
(“VIS”).
Figure 14:
Sensor Array
8.3
GPIO
The GPIO can be used synchronization input to start/stop the spectral measurement. It also allows
synchronizing the LED driver (LDR) with an external start/stop signal. Default state of the GPIO is
“output”.
8.4
Interrupt (INT)
The interrupt (INT) can be used to define thresholds and read-out the device only when the channel
threshold has been reached. The pin is active low.
8.5
LED Driver (LDR)
The LED driver is programmable and can be used to drive external LEDs. It is also possible to
synchronize the LED driver with an external start/stop signal via pin GPIO.
F3
FD
NIR
FY
F1
F2
F4
F6
520µm
FD
NIR
C
C
C
C
F
5
F3
F
5
F6
F7
X
L
F4
F1
F8
F8
F7
X
L
F2
FY
FZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com