Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD21520 Datasheet(PDF) 5 Page - BASIC SEMICONDUCTOR

Part # BTD21520
Description  Dual-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD21520 Datasheet(HTML) 5 Page - BASIC SEMICONDUCTOR

  BTD21520 Datasheet HTML 1Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 2Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 9Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.basicsemi.com
5/19
Rev.0.0
Dual-ChannelIsolatedGateDriver
BTD21520x
NO.
NAME TYPE(1)
DESCRIPTION
PACKAGE
1
PWM
I
PWM control signal input
2
NC
-
No Internal connection
3
VCC
P
Primary-side supply voltage
4
GND
G
Primary-side ground reference
5
DIS
I
Disables both driver outputs if asserted high,
enables if set low or left open
6
DT
I
Programmable dead time function
7
NC
-
No Internal connection
8
VCC
P
Primary-side supply voltage
9
VEE2
P
Ground for secondary-side driver 2
10
OUT2
O
Output of driver 2
11
VDD2
P
Secondary-side power for driver 2
14
VEE1
P
Ground for secondary-side driver 1
15
OUT1
O
Output of driver 1
16
VDD1
P
Secondary-side power for driver 1
(1) P=Power, G=Ground, I=Input, O=Output
6.3BTD21520Ex
IN1
IN2
VCC
GND
VEE1
OUT1
VDD1
DIS
NC
NC
VCC
VEE2
OUT2
VDD2
PWM
NC
VCC
GND
VEE1
OUT1
VDD1
DIS
DT
NC
VCC
VEE2
OUT2
VDD2
IN1
IN2
VCC
GND
VEE1
OUT1
VDD1
DIS
DT
NC
VCC
VEE2
OUT2
VDD2
1
2
3
4
16
15
14
BTD21520Sx
5
6
7
8
11
10
9
1
2
3
4
16
15
14
BTD21520Mx
5
6
7
8
11
10
9
1
2
3
4
16
15
14
BTD21520Ex
5
6
7
8
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com