Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD21520 Datasheet(PDF) 1 Page - BASIC SEMICONDUCTOR

Part # BTD21520
Description  Dual-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD21520 Datasheet(HTML) 1 Page - BASIC SEMICONDUCTOR

  BTD21520 Datasheet HTML 1Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 2Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 9Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.basicsemi.com
1/19
Rev.0.0
Dual-ChannelIsolatedGateDriver
BTD21520x
• Isolation voltage up to 5000Vrms
• Dual-channel isolated driver
• Primary-side supply supporting 3-18V
• Secondary-side supply supporting up to 25V
• 4-A peak source, 6-A peak sink at output
• Integrated disable function
• Integrated dead time setting function
• Propagation delay 45ns (typical)
• Operating temperature -40~125℃
• SOW-14 wide body package
1.Features
2.Applications
BTD21520 is an isolated dual-channel gate driver with
peak 4-A source current and peak 6-A sink current.It
isolates primary-side from secondary-side by a 5k Vrms
reinforced isolation barrier, and its propagation delay for
turn-on/turn-off is 45ns. The wide input voltage ranged
from 3V to 18V for the primary side power supply makes
the driver suitable for interfacing with both digital and
analog controllers.
Internal functional isolation between the two second-
ary-side drivers allows a operating voltage of up to 1500
VDC. The driver can be configured as two low-side driv-
ers, two high-side drivers, or a half-bridge driver with
programmable dead time (DT).It can also be equipped
with disable (DIS) pin. When the DIS pin is set high, it
shuts down both outputs simultaneously. When the DIS
pin is left open or grounded, it allows the device to oper-
ate normally.
Industrial:
• Power distribution
• Motor control systems
• Isolated switched-mode power supplies
• Lighting systems
• Plasma displays
• PV and industrial inverters
3.Description
Dual-ChannelIsolatedGateDriver
BTD21520x
BTD21520M
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
and
input
Iogic
VCC
VCC
IN1
IN2
DIS
NC
NC
GND
VDD1
OUT1
VEE1
VDD2
OUT2
VEE2
1
3
8
2
7
6
5
4
10
11
9
14
15
16
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
and
input
Iogic
VCC
VCC
IN1
IN2
DIS
DT
NC
GND
VDD1
OUT1
VEE1
VDD2
OUT2
VEE2
1
3
8
2
7
6
5
4
10
11
9
14
15
16
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
and
input
Iogic
VCC
VCC
PWM
NC
DIS
DT
NC
GND
VDD1
OUT1
VEE1
VDD2
OUT2
VEE2
1
3
8
2
7
6
5
4
10
11
9
14
15
16
4.FunctionalBlockDiagram
BTD21520S
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
and
input
Iogic
VCC
VCC
IN1
IN2
DIS
NC
NC
GND
VDD1
OUT1
VEE1
VDD2
OUT2
VEE2
1
3
8
2
7
6
5
4
10
11
9
14
15
16
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
and
input
Iogic
VCC
VCC
IN1
IN2
DIS
DT
NC
GND
VDD1
OUT1
VEE1
VDD2
OUT2
VEE2
1
3
8
2
7
6
5
4
10
11
9
14
15
16
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
and
input
Iogic
VCC
VCC
PWM
NC
DIS
DT
NC
GND
VDD1
OUT1
VEE1
VDD2
OUT2
VEE2
1
3
8
2
7
6
5
4
10
11
9
14
15
16
BTD21520E
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
and
input
Iogic
VCC
VCC
IN1
IN2
DIS
NC
NC
GND
VDD1
OUT1
VEE1
VDD2
OUT2
VEE2
1
3
8
2
7
6
5
4
10
11
9
14
15
16
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
and
input
Iogic
VCC
VCC
IN1
IN2
DIS
DT
NC
GND
VDD1
OUT1
VEE1
VDD2
OUT2
VEE2
1
3
8
2
7
6
5
4
10
11
9
14
15
16
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
Level
Shift
and
Ctrl
Logic
UVLO
and
input
Iogic
VCC
VCC
PWM
NC
DIS
DT
NC
GND
VDD1
OUT1
VEE1
VDD2
OUT2
VEE2
1
3
8
2
7
6
5
4
10
11
9
14
15
16
Automotive:
• On-board chargers
• Battery management systems
• Charging stations
• Traction inverters
• Hybrid Vehicles
• Battery electric vehicles


Similar Part No. - BTD21520

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
BTD21520E BASICSEMI-BTD21520E Datasheet
1Mb / 27P
Dual-Channel Isolated Gate Driver
Rev.0.2
BTD21520EAPR BASICSEMI-BTD21520EAPR Datasheet
1Mb / 27P
Dual-Channel Isolated Gate Driver
Rev.0.2
BTD21520EAWR BASICSEMI-BTD21520EAWR Datasheet
1Mb / 27P
Dual-Channel Isolated Gate Driver
Rev.0.2
BTD21520EBPR BASICSEMI-BTD21520EBPR Datasheet
1Mb / 27P
Dual-Channel Isolated Gate Driver
Rev.0.2
BTD21520EBWR BASICSEMI-BTD21520EBWR Datasheet
1Mb / 27P
Dual-Channel Isolated Gate Driver
Rev.0.2
More results

Similar Description - BTD21520

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
REV. C
logo
GeneSiC Semiconductor, ...
GA03IDDJT30-FR4 GENESIC-GA03IDDJT30-FR4 Datasheet
789Kb / 9P
Isolated Gate Driver
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
logo
Analog Devices
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
ON Semiconductor
NCP51560 ONSEMI-NCP51560 Datasheet
3Mb / 30P
5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 1
logo
STMicroelectronics
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
NCD57530 ONSEMI-NCD57530 Datasheet
821Kb / 23P
Isolated Dual Channel IGBT Gate Driver
June, 2022 - Rev. 0
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com