Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD21520 Datasheet(PDF) 13 Page - BASIC SEMICONDUCTOR

Part # BTD21520
Description  Dual-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD21520 Datasheet(HTML) 13 Page - BASIC SEMICONDUCTOR

Back Button BTD21520 Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 14Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 15Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 16Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 17Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.basicsemi.com
13/19
Rev.0.0
Dual-ChannelIsolatedGateDriver
BTD21520x
Figure9.DeadTimeSetting
The falling edge of one input signal activates the the programmed dead time for the other signal. The dead time of the
output signal is selected by IC, either the dead time set by IC itself or for the dead time of input signal itself, and the IC
output chooses the longer one out of the two. If both input signals are high at the same time, both output signals are
immediately set to low. This feature is intended to prevent shoot-through and does not affect the normal operation of
the dead time settings. The following figure illustrates and demonstrates the various dead time logical operations.
Figure9-2 BTD21520M InputandOutputLogicRelationshipWithInputSignals
State1:
IN2 goes low, IN1 goes high. IN2 sets OUT2 low immediately and assigns the programmed dead time to OUT1.
OUT1 is allowed to go high after the programmed dead time.
State 2:
IN2 goes high, IN1 goes low. Now IN1 sets OUT1 low immediately and assigns the programmed dead time to
OUT2.OUT2 is allowed to go high after the programmed dead time.
State3:
IN2 goes low, IN1 is still low.IN2 sets OUT2 low immediately and assigns the programmed dead time for OUT1.
In this case, the input signal’s own dead time is longer than the programmed dead time. Thus, when IN1 goes high, it
immediately sets OUT1 high.
State4:
IN1 goes low, IN2 is still low. IN1 sets OUT1 low immediately and assigns the programmed dead time to OUT2.
IN2’s own dead time is longer than the programmed dead time.Thus, when IN2 goes high, it immediately sets OUT2 high.
State5:
IN1 goes high, while IN1 and OUT1 are still high.To avoid overshoot, IN1 immediately pulls OUT1 low and keeps
OUT1 low. After some time OUT1 goes low and assigns the programmed dead time to OUT1. OUT2 is already low. After
the programmed dead time, OUT1 is allowed to go high.
State6:
IN2 goes high, while IN1 and OUT1 are still high. To avoid overshoot, IN2 immediately pulls OUT1 low and keeps
OUT2 low. After some time OUT1 goes low and assigns the programmed dead time to OUT2. OUT1 is already low.After
the programmed dead time, OUT2 is allowed to go high.
2500
2000
1500
1000
500
0
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150 160 170 180 190
Resistance/k
Dead Time Setting
DT
IN1/PWM
IN2
OUT1
OUT2
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com