Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD21520 Datasheet(PDF) 8 Page - BASIC SEMICONDUCTOR

Part # BTD21520
Description  Dual-Channel Isolated Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD21520 Datasheet(HTML) 8 Page - BASIC SEMICONDUCTOR

Back Button BTD21520 Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD21520 Datasheet HTML 12Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.basicsemi.com
8/19
Rev.0.0
Dual-ChannelIsolatedGateDriver
BTD21520x
(Continued)
SwitchingParameters
tPLH Propagation delay from INx to OUTx rising edges
-
-
40
-
ns
tPHL Propagation delay from INx to OUTx falling edges
-
-
45
-
tr Output rise time
CL=1nF, 20% to 80%
-
10 26
ns
tf Output fall time
CL=1nF, 90% to 10%
-
10 26
tPWD Pulse width distortion (tPHL-tPLH)
-
-
-
5
tDM Propagation delays matching between VOUT1, VOUT2 f=100kHz, IN1=IN2
-
-
5
DT Dead time
DT pull up to VCC
Two output channels are
completely independent -
DT pin open
(not recommended)
-
8
15 ns
RDT=20kΩ
160 200 240
- Undervoltage lockout recovery time tVCC+ to OUT
-
-
40
-
us
tVDD+ to OUT
-
-
50
-
CMTI Common-mode transient immunity
INx fixed to GND or VCC,
VCM=1500V
100
-
- kV/us
(1) CL:Load capacitance from output pin OUT to VEE.
7.7WIDE-BODYPACKAGE(SOW-16)SAFETYPARAMETERS
Symbol
PARAMETER
TESTCONDITIONS
MIN TYP MAX UNIT
CLR External clearance
Shortest pin-to-pin distance through air
8.5
-
-
mm
CPG External creepage
Shortest pin-to-pin distance across the
package surface
8.5
-
-
DTI Distance through insulation
Minimum internal gap (internal clearance) of the
double insulation (2×10.5 µm)
17
-
- um
CTI Comparative tracking index
DIN EN 60112
600
-
-
V
- Overvoltage category
Voltage rating <600Vrms
I-III
-
-
-
Voltage rating <1000Vrms
I-II
-
-
VIORM Maximum repetitive peak
isolation voltage
AC voltage (bipolar)
2121 -
-
VPK
VIOWM Maximum working isolation voltage AC voltage (sine wave); time dependent
dielectric breakdown
1500 -
- Vrms
VIOTM Maximum transient
isolation voltage
100% VIOTM, 60s, 120% VIOTM, 1s
7000 -
-
VPK
VIOSM Maximum surge isolation voltage IEC 62368-1, 1.2/50us waveform, 1.6 x VIOSM
8000 -
-
Qpd Apparent charge
Method a, After Input/Output safety test
subgroup 2/3.VIN= VIOTM, 60s, Vpd=1.2 VIOTM, 10s
-
-
5
pC
Method a, After environmental tests subgroup 1.
VIN=VIOTM, 60s, Vpd=1.6VIOTM, 10s
-
-
5
Method b1; At routine test (100% production)
and preconditioning (type test)
VIN=1.2VIOTM, 1s, Vpd=1.875VIOTM, 1s
-
-
5
CIO Barrier capacitance, input to output VIO=0.4Vpeak, f=1MHz, sine wave
-
1.2
-
pF
RIO Isolation resistance, input to output
Test voltage of 500V, TA=25℃
1012
-
-
Ω
Test voltage of 500V, 100℃<TA<125℃
1011
-
-
Test voltage of 500V, TA=150℃
109
-
-
VISO
Pollution degree
-
-
2
-
-
Withstand isolation voltage
VTEST=VISO=5000Vrms, t=60 sec(qualification),
VTEST=1.2×VISO=6000Vrms,
t=1 sec(100% production)
5000 -
- Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com