Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400BT Datasheet(PDF) 14 Page - STMicroelectronics

Part # M29F400BT
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M29F400BT Datasheet HTML 10Page - STMicroelectronics M29F400BT Datasheet HTML 11Page - STMicroelectronics M29F400BT Datasheet HTML 12Page - STMicroelectronics M29F400BT Datasheet HTML 13Page - STMicroelectronics M29F400BT Datasheet HTML 14Page - STMicroelectronics M29F400BT Datasheet HTML 15Page - STMicroelectronics M29F400BT Datasheet HTML 16Page - STMicroelectronics M29F400BT Datasheet HTML 17Page - STMicroelectronics M29F400BT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Bus operations
M29F400BT, M29F400BB
14/40
3.5
Automatic Standby
If CMOS levels (VCC ± 0.2V) are used to drive the bus and the bus is inactive for 150ns or
more the memory enters Automatic Standby where the internal Supply Current is reduced to
the CMOS Standby Supply Current, ICC3. The Data Inputs/Outputs will still output data if a
Bus Read operation is in progress.
3.6
Special bus operations
Additional bus operations can be performed to read the Electronic Signature and also to
apply and remove Block Protection. These bus operations are intended for use by
programming equipment and are not usually used in applications. They require VID to be
applied to some pins.
3.6.1
Electronic Signature
The memory has two codes, the manufacturer code and the device code, that can be read
to identify the memory. These codes can be read by applying the signals listed in Table 2.
and Table 3., Bus Operations.
3.6.2
Block Protection and Blocks Unprotection
Each block can be separately protected against accidental Program or Erase. Protected
blocks can be unprotected to allow data to be changed.
There are two methods available for protecting and unprotecting the blocks, one for use on
programming equipment and the other for in-system use. For further information refer to
Application Note AN1122, Applying Protection and Unprotection to M29 Series Flash.
Table 2.
Bus operations, BYTE = VIL
(1)
1.
X = VIL or VIH.
Operation
E
G
W
Address Inputs
DQ15A–1, A0-A17
Data Inputs/Outputs
DQ14-DQ8
DQ7-DQ0
Bus Read
VIL
VIL
VIH Cell Address
Hi-Z
Data Output
Bus Write
VIL
VIH
VIL Command Address
Hi-Z
Data Input
Output Disable
X
VIH
VIH X
Hi-Z
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Hi-Z
Read Manufacturer
Code
VIL
VIL
VIH
A0 = VIL, A1 = VIL, A9
= VID, Others VIL or VIH
Hi-Z
20h
Read Device Code
VIL
VIL
VIH
A0 = VIH, A1 = VIL, A9
= VID, Others VIL or VIH
Hi-Z
D5h (M29F400BT)
D6h (M29F400BB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com