Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400BT Datasheet(PDF) 34 Page - STMicroelectronics

Part # M29F400BT
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BT Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M29F400BT Datasheet HTML 30Page - STMicroelectronics M29F400BT Datasheet HTML 31Page - STMicroelectronics M29F400BT Datasheet HTML 32Page - STMicroelectronics M29F400BT Datasheet HTML 33Page - STMicroelectronics M29F400BT Datasheet HTML 34Page - STMicroelectronics M29F400BT Datasheet HTML 35Page - STMicroelectronics M29F400BT Datasheet HTML 36Page - STMicroelectronics M29F400BT Datasheet HTML 37Page - STMicroelectronics M29F400BT Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
DC and AC parameters
M29F400BT, M29F400BB
34/40
Figure 11.
Reset/Block Temporary Unprotect AC waveforms
Table 15.
Reset/Block Temporary Unprotect AC characteristics(1)
1.
TA = 0 to 70 °C, –40 to 85 °C or –40 to 125 °C
Symbol
Alt
Parameter
M29F400B
Unit
45
55
70 / 90
tPHWL
(2)
tPHEL
tPHGL
(2)
2.
Sampled only, not 100% tested.
tRH
RP High to Write Enable Low, Chip
Enable Low, Output Enable Low
Min
50
50
50
ns
tRHWL
(2)
tRHEL
(2)
tRHGL
(2)
tRB
RB High to Write Enable Low, Chip
Enable Low, Output Enable Low
Min
0
0
0
ns
tPLPX
tRP
RP Pulse Width
Min
500
500
500
ns
tPLYH
(2)
tREADY RP Low to Read Mode
Max
10
10
10
µ
s
tPHPHH
(2)
tVIDR RP Rise Time to VID
Min
500
500
500
ns
AI02931
RB
W,
RP
tPLPX
tPHWL, tPHEL, tPHGL
tPLYH
tPHPHH
E, G
tRHWL, tRHEL, tRHGL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com