Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400BT Datasheet(PDF) 16 Page - STMicroelectronics

Part # M29F400BT
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M29F400BT Datasheet HTML 12Page - STMicroelectronics M29F400BT Datasheet HTML 13Page - STMicroelectronics M29F400BT Datasheet HTML 14Page - STMicroelectronics M29F400BT Datasheet HTML 15Page - STMicroelectronics M29F400BT Datasheet HTML 16Page - STMicroelectronics M29F400BT Datasheet HTML 17Page - STMicroelectronics M29F400BT Datasheet HTML 18Page - STMicroelectronics M29F400BT Datasheet HTML 19Page - STMicroelectronics M29F400BT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Command interface
M29F400BT, M29F400BB
16/40
4
Command interface
All Bus Write operations to the memory are interpreted by the Command Interface.
Commands consist of one or more sequential Bus Write operations. Failure to observe a
valid sequence of Bus Write operations will result in the memory returning to Read mode.
The long command sequences are imposed to maximize data security.
The address used for the commands changes depending on whether the memory is in 16-
bit or 8-bit mode. See either Table 4., or Table 5., depending on the configuration that is
being used, for a summary of the commands.
4.1
Read/Reset command
The Read/Reset command returns the memory to its Read mode where it behaves like a
ROM or EPROM. It also resets the errors in the Status Register. Either one or three Bus
Write operations can be used to issue the Read/Reset command.
If the Read/Reset command is issued during a Block Erase operation or following a
Programming or Erase error then the memory will take upto 10µs to abort. During the abort
period no valid data can be read from the memory. Issuing a Read/Reset command during a
Block Erase operation will leave invalid data in the memory.
4.2
Auto Select command
The Auto Select command is used to read the Manufacturer Code, the Device Code and the
Block Protection Status. Three consecutive Bus Write operations are required to issue the
Auto Select command. Once the Auto Select command is issued the memory remains in
Auto Select mode until another command is issued.
From the Auto Select mode the Manufacturer Code can be read using a Bus Read operation
with A0 = VIL and A1 = VIL. The other address bits may be set to either VIL or VIH. The
Manufacturer Code for STMicroelectronics is 0020h.
The Device Code can be read using a Bus Read operation with A0 = VIH and A1 = VIL. The
other address bits may be set to either VIL or VIH. The Device Code for the M29F400BT is
00D5h and for the M29F400BB is 00D6h.
The Block Protection Status of each block can be read using a Bus Read operation with A0
= VIL, A1 = VIH, and A12-A17 specifying the address of the block. The other address bits
may be set to either VIL or VIH. If the addressed block is protected then 01h is output on
Data Inputs/Outputs DQ0-DQ7, otherwise 00h is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com