Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400BT Datasheet(PDF) 30 Page - STMicroelectronics

Part # M29F400BT
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M29F400BT Datasheet HTML 26Page - STMicroelectronics M29F400BT Datasheet HTML 27Page - STMicroelectronics M29F400BT Datasheet HTML 28Page - STMicroelectronics M29F400BT Datasheet HTML 29Page - STMicroelectronics M29F400BT Datasheet HTML 30Page - STMicroelectronics M29F400BT Datasheet HTML 31Page - STMicroelectronics M29F400BT Datasheet HTML 32Page - STMicroelectronics M29F400BT Datasheet HTML 33Page - STMicroelectronics M29F400BT Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
DC and AC parameters
M29F400BT, M29F400BB
30/40
Table 11.
DC characteristics(1)
1.
TA = 0 to 70°C, –40 to 85°C or –40 to 125°C
Symbol
Parameter
Test Condition
Min
Typ(2)
2.
TA = 25 °C, VCC = 5V.
Max
Unit
ILI
Input Leakage Current
0V
≤V
IN ≤VCC
±1
µ
A
ILO
Output Leakage Current
0V
≤V
OUT ≤VCC
±1
µ
A
ICC1
Supply Current (Read)
E = VIL, G = VIH, f =
6MHz
720
mA
ICC2
Supply Current (Standby)
TTL
E = VIH
1mA
ICC3
Supply Current (Standby)
CMOS
E = VCC ±0.2V,
RP = VCC ±0.2V
30
100
µ
A
ICC4
(3)
3.
Sampled only, not 100% tested.
Supply Current
(Program/Erase)
Program/Erase
Controller active
20
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2
VCC +0.5
V
VOL
Output Low Voltage
IOL = 5.8mA
0.45
V
VOH
Output High Voltage TTL
IOH = –2.5mA
2.4
V
Output High Voltage
CMOS
IOH = –100µAVCC –0.4
V
VID
Identification Voltage
11.5
12.5
V
IID
Identification Current
A9 = VID
100
µ
A
VLKO
(3)
Program/Erase Lockout
Supply Voltage
3.2
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com