Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC908QT4MPE Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 32Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 33Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 34Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 35Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 36Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 37Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 38Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 39Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 184 page
background image
Memory
MC68HC908QY/QT Family Data Sheet, Rev. 5
36
Freescale Semiconductor
8.
Wait for time, tPROG (minimum 30 µs).
9.
Repeat step 7 and 8 until all desired bytes within the row are programmed.
10.
Clear the PGM bit(1).
11.
Wait for time, tNVH (minimum 5 µs).
12.
Clear the HVEN bit.
13.
After time, tRCV (typical 1 µs), the memory can be accessed in read mode again.
NOTE
The COP register at location $FFFF should not be written between
steps 5–12, when the HVEN bit is set. Since this register is located at a
valid FLASH address, unpredictable behavior may occur if this location is
written while HVEN is set.
This program sequence is repeated throughout the memory until all data is programmed.
NOTE
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order shown, other unrelated operations may
occur between the steps. Do not exceed tPROG maximum, see 16.16
Memory Characteristics.
2.6.5 FLASH Protection
Due to the ability of the on-board charge pump to erase and program the FLASH memory in the target
application, provision is made to protect blocks of memory from unintentional erase or program operations
due to system malfunction. This protection is done by use of a FLASH block protect register (FLBPR).
The FLBPR determines the range of the FLASH memory which is to be protected. The range of the
protected area starts from a location defined by FLBPR and ends to the bottom of the FLASH memory
($FFFF). When the memory is protected, the HVEN bit cannot be set in either ERASE or PROGRAM
operations.
NOTE
In performing a program or erase operation, the FLASH block protect
register must be read after setting the PGM or ERASE bit and before
asserting the HVEN bit.
When the FLBPR is programmed with all 0 s, the entire memory is protected from being programmed and
erased. When all the bits are erased (all 1’s), the entire memory is accessible for program and erase.
When bits within the FLBPR are programmed, they lock a block of memory. The address ranges are
shown in 2.6.6 FLASH Block Protect Register. Once the FLBPR is programmed with a value other than
$FF, any erase or program of the FLBPR or the protected block of FLASH memory is prohibited. Mass
erase is disabled whenever any block is protected (FLBPR does not equal $FF). The FLBPR itself can be
erased or programmed only with an external voltage, VTST, present on the IRQ pin. This voltage also
allows entry from reset into the monitor mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com