Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC908QT4MPE Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 48Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 49Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 50Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 51Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 52Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 53Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 54Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 55Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 184 page
background image
Auto Wakeup Module (AWU)
MC68HC908QY/QT Family Data Sheet, Rev. 5
52
Freescale Semiconductor
Bits 7–4 — Not used
These read-only bits always read as 0s.
KEYF — Keyboard Flag Bit
This read-only bit is set when a keyboard interrupt is pending on port A or auto wakeup. Reset clears
the KEYF bit.
1 = Keyboard/auto wakeup interrupt pending
0 = No keyboard/auto wakeup interrupt pending
ACKK — Keyboard Acknowledge Bit
Writing a 1 to this write-only bit clears the keyboard/auto wakeup interrupt request on port A and auto
wakeup logic. ACKK always reads as 0.Reset clears ACKK.
IMASKK— Keyboard Interrupt Mask Bit
Writing a 1 to this read/write bit prevents the output of the keyboard interrupt mask from generating
interrupt requests on port A or auto wakeup. Reset clears the IMASKK bit.
1 = Keyboard/auto wakeup interrupt requests masked
0 = Keyboard/auto wakeup interrupt requests not masked
NOTE
MODEK is not used in conjuction with the auto wakeup feature. To see a
description of this bit, see 9.7.1 Keyboard Status and Control Register.
4.6.3 Keyboard Interrupt Enable Register
The keyboard interrupt enable register (KBIER) enables or disables the auto wakeup to operate as a
keyboard/auto wakeup interrupt input.
AWUIE — Auto Wakeup Interrupt Enable Bit
This read/write bit enables the auto wakeup interrupt input to latch interrupt requests. Reset clears
AWUIE.
1 = Auto wakeup enabled as interrupt input
0 = Auto wakeup not enabled as interrupt input
NOTE
KBIE5–KBIE0 bits are not used in conjuction with the auto wakeup feature.
To see a description of these bits, see 9.7.2 Keyboard Interrupt Enable
Register.
Address: $001B
Bit 7
654321
Bit 0
Read:
0
AWUIE
KBIE5
KBIE4
KBIE3
KBIE2
KBIE1
KBIE0
Write:
Reset:
00000000
= Unimplemented
Figure 4-4. Keyboard Interrupt Enable Register (KBIER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com