Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC908QT4MPE Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 85Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 86Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 87Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 88Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 89Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 90Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 91Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 92Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 184 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
89
Chapter 11
Oscillator Module (OSC)
11.1 Introduction
The oscillator module is used to provide a stable clock source for the microcontroller system and bus. The
oscillator module generates two output clocks, BUSCLKX2 and BUSCLKX4. The BUSCLKX4 clock is
used by the system integration module (SIM) and the computer operating properly module (COP). The
BUSCLKX2 clock is divided by two in the SIM to be used as the bus clock for the microcontroller.
Therefore the bus frequency will be one fourth of the BUSCLKX4 frequency.
11.2 Features
The oscillator has these four clock source options available:
1.
Internal oscillator: An internally generated, fixed frequency clock, trimmable to ±5%.This is the
default option out of reset.
2.
External oscillator: An external clock that can be driven directly into OSC1.
3.
External RC: A built-in oscillator module (RC oscillator) that requires an external R connection only.
The capacitor is internal to the chip.
4.
External crystal: A built-in oscillator module (XTAL oscillator) that requires an external crystal or
ceramic-resonator.
11.3 Functional Description
The oscillator contains these major subsystems:
•
Internal oscillator circuit
•
Internal or external clock switch control
•
External clock circuit
•
External crystal circuit
•
External RC clock circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com