Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC908QT4MPE Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC908QT4MPE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 184 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
5
August,
2003
1.0
Reformatted to meet latest M68HC08 documentation standards
N/A
Figure 1-1. Block Diagram — Diagram redrawn to include keyboard interrupt
module and TCLK pin designator.
20
Figure 1-2. MCU Pin Assignments — Added TCLK pin designator.
21
Table 1-2. Pin Functions — Added TCLK pin description.
22
Table 1-3. Function Priority in Shared Pins — Revised table for clarity and to
add TCLK.
23
Figure 2-1. Memory Map — Corrected names for the IRQ status and control
register (INTSCR) bits 3–0.
26
3.7.3 ADC Input Clock Register — Clarified bit description for the ADC clock
prescaler bits.
47
4.3 Functional Description — Updated periodic wakeup request values.
51
Figure 6-1. COP Block Diagram — Reworked for clarity
59
Chapter 8 External Interrupt (IRQ) — Corrected bit names for MODE, IRQF,
ACK, and IMASK
77–79
Chapter 14 Timer Interface Module (TIM) — Added TCLK function.
131–139
15.3 Monitor Module (MON) — Updated with additional data.
147
Chapter 16 Electrical Specifications — Updated with additional data.
169–173
October,
2003
2.0
Figure 2-2. Control, Status, and Data Registers — Deleted unimplemented
areas from $FFB0–$FFBD and $FFC2–$FFCF as they are actually available.
Also corrected $FFBF designation from unimplemented to reserved.
27
Figure 6-1. COP Block Diagram — Reworked for clarity
59
6.3.2 STOP Instruction — Added subsection
60
13.4.2 Active Resets from Internal Sources — Reworked notes for clarity.
111
Table 13-2. Reset Recovery Timing — Replaced previous table with new
information.
112
Chapter 14 Timer Interface Module (TIM) — Updated with additional data.
131
Figure 15-3. Break I/O Register Summary — Corrected bit designators for the
BRKAR register
143
15.3 Monitor Module (MON) — Clarified seventh bullet.
147
Table 17-1. MC Order Numbers — Corrected temperature and package
designators.
175
January,
2004
3.0
Figure 2-2. Control, Status, and Data Registers — Corrected reset state for the
FLASH Block Protect Register at address location $FFBE and the Internal
Oscillator Trim Value at $FFC0.
32
Figure 2-5. FLASH Block Protect Register (FLBPR) — Restated reset state for
clarity.
38
Revision History (Sheet 2 of 3)
Date
Revision
Level
Description
Page
Number(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com