Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH690 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH690
Description  40MHz to 1GHz AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH690 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH690_01 Datasheet HTML 2Page - STMicroelectronics TSH690_01 Datasheet HTML 3Page - STMicroelectronics TSH690_01 Datasheet HTML 4Page - STMicroelectronics TSH690_01 Datasheet HTML 5Page - STMicroelectronics TSH690_01 Datasheet HTML 6Page - STMicroelectronics TSH690_01 Datasheet HTML 7Page - STMicroelectronics TSH690_01 Datasheet HTML 8Page - STMicroelectronics TSH690_01 Datasheet HTML 9Page - STMicroelectronics TSH690_01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TSH690
6/14
TEST CONDITIONS V
CC1, VCC2, Vbias = +3V, Pin = -40dBm, Tamb = 25°C
TEST CONDITIONS V
CC1, VCC2, Vbias = +4V, Pin = -40dBm, Tamb = 25°C
Freq
S11
S21
S12
S22
MHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
40
0.616
-23.3
9.237
6.2
0.002
-135.8
0.733
-56.9
50
0.595
-27.0
9.402
7.9
0.005
-169.5
0.651
-67.7
100
0.513
-43.4
11.263
6.5
0.006
-153.8
0.381
-101.7
150
0.470
-57.7
13.566
0.9
0.006
94.5
0.227
-119.1
200
0.436
-71.1
16.434
-8.6
0.007
155.8
0.156
-117.5
250
0.402
-82.2
19.416
-21.3
0.007
154.1
0.134
-100.3
300
0.382
-95.0
22.265
-36.6
0.005
7.2
0.135
-75.7
350
0.343
-103.3
24.337
-53.7
0.008
40.6
0.193
-78.0
400
0.302
-109.7
25.564
-71.8
0.010
125.9
0.269
-86.1
450
0.279
-114.8
25.594
-91.2
0.008
167.1
0.316
-100.6
500
0.271
-114.0
24.292
-108.3
0.011
120.2
0.356
-111.0
550
0.280
-116.1
22.527
-124.7
0.013
101.0
0.396
-119.3
600
0.306
-119.8
20.511
-140.1
0.005
89.9
0.404
-131.3
650
0.315
-125.5
18.282
-153.2
0.006
107.2
0.400
-142.6
700
0.330
-131.1
16.311
-165.1
0.007
78.9
0.406
-151.6
750
0.333
-136.2
14.604
-177.1
0.012
84.5
0.398
-160.4
800
0.343
-142.5
12.860
173.6
0.017
76.0
0.399
-170.5
850
0.346
-148.0
11.668
165.1
0.014
90.8
0.411
-178.8
900
0.354
-155.1
10.579
156.0
0.018
75.6
0.413
170.9
950
0.347
-159.6
9.652
147.0
0.013
66.6
0.439
165.2
1000
0.355
-166.2
8.775
139.2
0.018
75.3
0.459
157.3
Freq
S11
S21
S12
S22
MHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
40
0.614
-23.1
11.023
6.9
0.002
107.6
0.726
-54.4
50
0.590
-27.4
11.248
7.9
0.003
-111.3
0.646
-65.1
100
0.508
-44.6
13.262
4.5
0.004
-47.0
0.366
-97.6
150
0.465
-59.9
15.736
-2.0
0.006
-62.5
0.206
-110.4
200
0.429
-72.0
18.727
-11.5
0.003
97.7
0.130
-104.3
250
0.396
-83.4
21.837
-24.2
0.002
-135.5
0.108
-78.6
300
0.371
-94.7
24.804
-39.3
0.009
154.7
0.136
-56.7
350
0.335
-103.8
26.854
-56.0
0.006
135.2
0.191
-64.3
400
0.295
-109.9
28.077
-73.6
0.003
139.7
0.262
-75.2
450
0.275
-114.8
28.113
-92.5
0.010
97.0
0.321
-85.8
500
0.265
-114.8
26.710
-109.4
0.007
111.8
0.335
-98.2
550
0.282
-117.0
24.831
-125.5
0.007
93.8
0.389
-108.5
600
0.296
-120.3
22.620
-140.8
0.007
110.0
0.393
-121.0
650
0.314
-124.7
20.235
-154.1
0.005
85.1
0.402
-131.7
700
0.321
-131.5
18.081
-166.2
0.010
93.2
0.388
-143.9
750
0.334
-135.8
16.178
-178.0
0.012
106.1
0.390
-153.8
800
0.339
-143.8
14.235
172.5
0.010
74.1
0.377
-162.4
850
0.348
-149.4
12.941
164.1
0.014
57.9
0.392
-170.4
900
0.340
-157.5
11.693
154.9
0.014
80.2
0.402
179.5
950
0.352
-161.0
10.670
145.7
0.006
87.4
0.409
171.4
1000
0.341
-166.8
9.683
137.6
0.016
50.0
0.433
163.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com